Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2D Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 27Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 28Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 29Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 30Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 31Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 32Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 33Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 34Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
31
September 8, 2020
3.6.2 Memory Contents
Table 3.5 MTP Memory Content Assignments
MTP Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
00HEX
15:0
0000HEX
Cust_ID0
Customer ID byte 0 (combines with memory word 01HEX to
form customer ID)
01HEX
15:0
0000HEX
Cust_ID1
Customer ID byte 1 (combines with memory word 00HEX to
form customer ID)
Interface Configuration
02HEX
6:0
000 0000BIN
Slave_Addr
I²C slave address; valid range: 00HEX to 7FHEX (default:
00HEX). Note: address codes 04HEX to 07HEX are reserved for
entering the I2C High Speed Mode
8:7
00BIN
INT_setup
Interrupt configuration, EOC pin functionality:
00 End-of-conversion signal
01 0-1 transition if threshold1 (TRSH1) is exceeded
and 1-0 transition if threshold1 is underrun again
10 0-1 transition if threshold1 is underrun and 1-0
transition if threshold1 is exceeded again
11 EOC is determined by threshold settings (see
section 3.3):
If (TRSH1 > TRSH2) then EOC/INT (interrupt
level) = 0 if (TRSH1 > MEAS ≥ TRSH2) where
MEAS is the conditioned measurement result.
Otherwise EOC/INT=1.
If (TRSH1 ≤ TRSH2) then EOC/INT = 1 if (TRSH1
≤ MEAS < TRSH2). Otherwise EOC/INT = 0.
9
0BIN
SS_polarity
Determines the polarity of the Slave Select pin (SS) for SPI
operation:
0  Slave Select is active LOW (SPI and ZSSC3018
are active if SS==0)
1  Slave Select is active HIGH (SPI and ZSSC3018
are active if SS==1)
11:10
00BIN
CKP_CKE
Clock polarity and clock-edge select—determines polarity
and phase of SPI interface clock with the following modes:
00  SCLK is low in idle state, data latch with rising
edge and data output with falling edge
01  SCLK is low in idle state, data latch with falling
edge and data output with rising edge
10  SCLK is high in idle state, data latch with falling
edge and data output with rising edge
11  SCLK is high in idle state, data latch with rising
edge and data output with falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com