Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2D Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 7Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 11Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 12Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 13Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 14Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
11
September 8, 2020
Figure 2.2 ZSSC3018 Functional Block Diagram, Voltage-Source-Sensor
INP
INN
VSSB
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control Unit
Pre-Amplifier
VTP
VTN
EOC
VDD
Oscillator
Clock Generator
SPI
I²C
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Power Ctr.
Vreg int
A
18 Bit
VDDB
ZSSC3018
RES
D
PGA
ADC
18 bit
MUX
Voltage Regulator
Analog
Digital
Interface
Functionality Support
The amplifier consists of two stages with programmable gain values.
The ZSSC3018 employs a programmable analog-to-digital converter (ADC) optimized for conversion speed and noise suppression. The
programmable resolution from 12 to 18 bits provides flexibility for adapting the conversion characteristics. To improve power supply noise
suppression, the ADC uses the bridge supply VDDB as its reference voltage leading to a ratiometric measurement topology if the external sensor
is a bridge-type element.
The remaining IC-internal offset and the sensor element offset, i.e., the overall system offset for the amplifier and ADC, can be canceled by
means of an offset and auto-zero measurement, respectively.
The DSP accomplishes the auto-zero, span, and 1st and 2nd order temperature compensation of the measured external sensor signal. The
correction coefficients are stored in the MTP memory.
The ZSSC3018 supports SPI and I2C interface communication for controlling the ZSSC3018, configuration, and measurement result output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com