Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2D Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 11Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 12Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 13Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 14Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 15Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
12
September 8, 2020
2.3
Analog Front End
2.3.1 Amplifier
The amplifier has a fully differential architecture and consists of two stages. The amplification of each stage and the external sensor gain polarity
are programmable via settings in the Measurement Configuration Registers SM_config1 and SM_config2 (addresses 12HEX and 16HEX; see
section 3.6.2) in the MTP memory (see section 2.4.2). Only one of these two possible configurations is used for measurements. The default
configuration is SM_config1. Alternately, SM_config2 can be implemented by sending a command to select this configuration for the
measurement (see section 3.5.1). The term SM_config is used for general register content and functionality explanations for both, SM_config1
and SM_config2, as the registers’ bit assignments are exactly the same for both registers.
The first 6 bits of SM_config are the programmable gain settings Gain_stage1 and Gain_stage2. The options for the programmable gain settings
are listed in Table 2.1 and Table 2.2.
Table 2.1 Amplifier Gain: Stage 1
Gain_stage1
SM_config Bit G2
SM_config Bit G1
SM_config Bit G0
Gainamp1
0
0
0
6
0
0
1
12
0
1
0
20
0
1
1
30
1
0
0
40
1
0
1
60
1
1
0
80
1
1
1
120
Table 2.2 Amplifier Gain: Stage 2
Gain_stage2
SM_config Bit G5 SM_config Bit G4 SM_config Bit G3
Gainamp2
0
0
0
1.1
0
0
1
1.2
0
1
0
1.3
0
1
1
1.4
1
0
0
1.5
1
0
1
1.6
1
1
0
1.7
1
1
1
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com