Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2D Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 4Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 5Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 6Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 7Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 11Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
8
September 8, 2020
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Sensor Signal Conditioning Performance
IC Accuracy Error [a]
Err
A,IC
Accuracy error for ideally linear (in
temperature and measurand) sensor
–
–
0.01
%FSO
Conversion Rate, 18-Bit Output
with Sensor Signal Conditioning
f
S, SSC
Conversion per second for fully
corrected 18-bit measurement
–
270
300
Hz
Input
Input Voltage Range
VINP, VINN
Input voltage range at INP and INN
0.65
–
1.05
V
External Sensor Bridge
Resistance
RBR
Full power supply disturbance rejection
(PSRR) capabilities
1
10
50
kΩ
Reduced PSRR, but full functionality
100
–
999
Ω
Power-Up
Start-up Time
tSTA1
VDD ramp up to interface
communication (see section 3.1)
–
–
1
ms
tSTA2
VDD ramp up to analog operation
–
–
2.5
ms
Wake-up Time
tWUP1
Sleep to Active State interface
communication
–
–
0.5
ms
tWUP2
Sleep to Active State analog operation
–
–
2
ms
Oscillator
Internal Oscillator Frequency
fCLK
3.6
4
4.4
MHz
Internal Temperature Sensor
Temperature Resolution
-40°C to +125°C
(Temperature resolution is 16 bits)
–
0.003
–
K/LSB
Interface and Memory
SPI Clock Frequency
fC,SPI
Maximum capacitance at MISO line:
40pF @ VDD=1.8V
–
1
10
MHz
I²C Clock Frequency
fC,I2C
–
–
3.4
MHz
Program Time
tPROG
MTP programming time per 16-bit
register
–
5
16
ms
Endurance
nMTP
Number of reprogramming cycles
1000
10000
–
numeric
Data Retention
tRET_MTP
1000h @ 125°C
10
–
–
years
[a] Percentage referenced to maximum full-scale output (FSO); e.g. for 18-bit measurements:
ErrA,IC [%FSO] = 100 · MAX{ | ADCmeas – ADCideal | } / 218.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com