| Electronic Components Datasheet Search |
|
ZSSC3018BA2D Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3018BA2D Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 51 page ![]() ZSSC3018 Datasheet © 2020 Renesas Electronics Corporation 24 September 8, 2020 Command (Byte) Return Description Normal Mode Command Mode ACHEX 24-bit formatted fully corrected sensor measurement data + 24-bit corrected temperature data Oversample-2 Measure Mean value generation: 2 full measurements (as in command AAHEX) are conducted, the mean value of the measurements is calculated, and the data is stored in the interface (configurations from MTP); no power down or pause between the 2 measurements yes yes ADHEX 24-bit formatted fully corrected sensor measurement data + 24-bit corrected temperature data Oversample-4 Measure Mean value generation: 4 full measurements (as in command AAHEX) are conducted, the mean value of the measurements is calculated, and the data is stored in the interface (configurations from MTP), no power down or pause between the 4 measurements yes yes AEHEX 24-bit formatted fully corrected sensor measurement data + 24-bit corrected temperature data Oversample-8 Measure Mean value generation: 8 full measurements (as in command AAHEX) are conducted, the mean value of the measurements is calculated, and the data is stored in the interface (configurations from MTP), no power down or pause between the 8 measurements yes yes AFHEX 24-bit formatted fully corrected sensor measurement data + 24-bit corrected temperature data Oversample-16 Measure Mean value generation: 16 full measurements (as in command AAHEX) are conducted, the mean value of the measurements is calculated, and the data is stored in the interface (configurations from MTP), no power down or pause between the 16 measurements yes yes B0HEX – Select 1st, SM_config1 register (12HEX in mem- ory) For any measurement using the memory content for analog front-end / sensor setup, the respective setup is loaded from SM_config1 register, status bit[1]==0 (default) yes yes B1HEX – Select 2nd, SM_config2 register (16HEX in mem- ory) For any measurement using the memory content for analog front-end / sensor setup, the respective setup is loaded from the SM_config2 register, status bit[1]==1 yes yes BFHEX – STOP_CYC Causes power-down leading to halting update / cyclic measurement operation and transition from Normal to Sleep Mode. yes yes FXHEX Status followed by last 24-bit data NOP Only valid for SPI (see sections 3.5.1 and 3.5.2). yes yes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |