Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2D Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 43Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 44Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 45Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 46Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 47Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 48Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 49Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 50Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 51Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
48
September 8, 2020
5. Quality and Reliability
The ZSSC3018 is available as a qualified IC version for consumer and industrial market applications. All data specified parameters are
guaranteed if not stated otherwise.
6. Ordering Information
Product Sales Code
Description
Package
ZSSC3018BA3W
ZSSC3018 24-PQFN – temperature range: –40°C to +125°C
7” Reel
ZSSC3018BA1B
ZSSC3018 Die – temperature range: –40°C to +125°C
Unsawn on Wafer (304μm)
ZSSC3018BA2B
ZSSC3018 Die – temperature range: –40°C to +125°C
Unsawn on Wafer (725µm)
ZSSC3018BA2C
ZSSC3018 Die – temperature range: –40°C to +125°C
Sawn on Wafer Frame
ZSSC3018BA2D
ZSSC3018 Die – temperature range: –40°C to +125°C
Sawn in Waffle Pack (for sampling only)
ZSSC3018KITV1P0
Modular ZSSC3018 SSC Evaluation Kit including three interconnecting boards, five ZSSC3018 24-PQFN
samples, and cable. Software is available for download on www.IDT.com/ZSSC3018.
7. Related Documents
Visit the ZSSC3018 product page at www.IDT.com/ZSSC3018 or contact your nearest sales office for ordering information or the latest version
of this document and related documents.
8. Glossary
Term
Description
A2D
Analog-to-Digital
ACK
Acknowledge (interface’s protocol indicator for successful data/command transfer)
ADC
Analog-to-Digital Converter or Conversion
ALU
Arithmetic Logic Unit
AZ
Auto-Zero (unspecific)
AZSM
Auto-Zero Measurement for (external) Sensor Path
AZTM
Auto-Zero Measurement for Temperature Path
Au
Gold
CLK
Clock
Cu
Copper
DAC
Digital-to-Analog Conversion or Converter
DF
Data Fetch (command type)
DSP
Digital Signal Processor (digital configuration, calibration, calculation, communication unit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com