Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 42Page - Texas Instruments TMS320F2811 Datasheet HTML 43Page - Texas Instruments TMS320F2811 Datasheet HTML 44Page - Texas Instruments TMS320F2811 Datasheet HTML 45Page - Texas Instruments TMS320F2811 Datasheet HTML 46Page - Texas Instruments TMS320F2811 Datasheet HTML 47Page - Texas Instruments TMS320F2811 Datasheet HTML 48Page - Texas Instruments TMS320F2811 Datasheet HTML 49Page - Texas Instruments TMS320F2811 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 175 page
background image
8.12.5.4.5 HALT Mode Timing Requirements
MIN
MAX
UNIT
tw(WAKE-XNMI)
Pulse duration, XNMI wakeup signal
2tc(CI)
cycles
tw(WAKE-XRS)
Pulse duration, XRS wakeup signal
8tc(CI)
cycles
8.12.5.4.6 HALT Mode Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
td(IDLE-XCOH)
Delay time, IDLE instruction executed to XCLKOUT high
32tc(SCO)
45tc(SCO)
cycles
tp
PLL lock-up time
131072tc(CI)
cycles
td(WAKE)
Delay time, PLL lock to program execution resume
•
Wake up from flash
–
Flash module in sleep state
1125tc(SCO)
cycles
•
Wake up from SARAM
35tc(SCO)
cycles
t
d(IDLE-XCOH)
32 SYSCLKOUT Cycles
X1/XCLKIN
XCLKOUT
(H)
Wake-up Latency
Flushing Pipeline
t
d(wake)
A
B
C
D
Device
Status
E
G
F
PLL Lock-up Time
XNMI
Normal
Execution
HALT
HALT
t
w(WAKE-XNMI)
t
p
Oscillator Start-up Time
A. IDLE instruction is executed to put the device into HALT mode.
B. The PLL block responds to the HALT signal. SYSCLKOUT is held for another 32 cycles before the oscillator is turned off and the CLKIN
to the core is stopped. This 32-cycle delay enables the CPU pipe and any other pending operations to flush properly.
C. Clocks to the peripherals are turned off and the internal oscillator and PLL are shut down. The device is now in HALT mode and
consumes absolute minimum power.
D. When XNMI is driven active, the oscillator is turned on; but the PLL is not activated. The pulse duration of 2tc(CI) is applicable when an
external oscillator is used. If the internal oscillator is used, the oscillator wake-up time should be added to this parameter.
E. When XNMI is deactivated, it initiates the PLL lock sequence, which takes 131,072 X1/XCLKIN cycles.
F. When CLKIN to the core is enabled, the device will respond to the interrupt (if enabled), after a latency. The HALT mode is now exited.
G. Normal operation resumes.
H. XCLKOUT = SYSCLKOUT
Figure 8-21. HALT Wakeup Using XNMI
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com