Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 51Page - Texas Instruments TMS320F2811 Datasheet HTML 52Page - Texas Instruments TMS320F2811 Datasheet HTML 53Page - Texas Instruments TMS320F2811 Datasheet HTML 54Page - Texas Instruments TMS320F2811 Datasheet HTML 55Page - Texas Instruments TMS320F2811 Datasheet HTML 56Page - Texas Instruments TMS320F2811 Datasheet HTML 57Page - Texas Instruments TMS320F2811 Datasheet HTML 58Page - Texas Instruments TMS320F2811 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 175 page
background image
Unless otherwise specified, all XINTF timing is applicable for the clock configurations shown in Table 8-4.
Table 8-4. XINTF Clock Configurations
MODE
SYSCLKOUT
XTIMCLK
XCLKOUT
1
Example:
150 MHz
SYSCLKOUT
150 MHz
SYSCLKOUT
150 MHz
2
Example:
150 MHz
SYSCLKOUT
150 MHz
1/2 SYSCLKOUT
75 MHz
3
Example:
150 MHz
1/2 SYSCLKOUT
75 MHz
1/2 SYSCLKOUT
75 MHz
4
Example:
150 MHz
1/2 SYSCLKOUT
75 MHz
1/4 SYSCLKOUT
37.5 MHz
The relationship between SYSCLKOUT and XTIMCLK is shown in Figure 8-26.
XTIMING0
XTIMING1
XTIMING2
XTIMING6
XTIMING7
XBANK
LEAD/ACTIVE/TRAIL
0
/2
XTIMCLK
1
(A)
1
(A)
0
/2
C28x
CPU
XINTCNF2
(CLKMODE)
XINTCNF2
(XTIMCLK)
Default value after reset
(A)
SYSCLKOUT
XINTCNF2
(CLKOFF)
XCLKOUT
1
0
0
Figure 8-26. Relationship Between XTIMCLK and SYSCLKOUT
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com