Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 15Page - Texas Instruments TMS320F2811 Datasheet HTML 16Page - Texas Instruments TMS320F2811 Datasheet HTML 17Page - Texas Instruments TMS320F2811 Datasheet HTML 18Page - Texas Instruments TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 175 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
over operating temperature ranges (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
VDDIO
–0.3
4.6
V
VDD3VFL
–0.3
4.6
VDDA1
–0.3
4.6
VDDA2
–0.3
4.6
VDDAIO
–0.3
4.6
AVDDREFBG
–0.3
4.6
Supply voltage
VDD
–0.5
2.5
V
VDD1
–0.5
2.5
Input voltage
VIN
–0.3
4.6
V
Output voltage
VO
–0.3
4.6
V
Input clamp current
IIK (VIN < 0 or VIN > VDDIO)(2)
–20
20
mA
Output clamp current
IOK (VO < 0 or VO > VDDIO)
–20
20
mA
Operating ambient temperature, TA
A version (GHH, ZHH, PGF, PBK)(3)
–40
85
°C
S version (GHH, ZHH, PGF, PBK)(3)
–40
125
Q version (PGF, PBK)(3)
–40
125
Junction temperature
TJ
–40
150
°C
Storage temperature
Tstg (3)
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 8.4 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage values are with respect
to VSS.
(2)
Continuous clamp current per pin is ±2 mA
(3)
Long-term high-temperature storage and/or extended use at maximum temperature conditions may result in a reduction of overall
device life. For additional information, see the Semiconductor and IC Package Thermal Metrics Application Report.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com