Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 80Page - Texas Instruments TMS320F2811 Datasheet HTML 81Page - Texas Instruments TMS320F2811 Datasheet HTML 82Page - Texas Instruments TMS320F2811 Datasheet HTML 83Page - Texas Instruments TMS320F2811 Datasheet HTML 84Page - Texas Instruments TMS320F2811 Datasheet HTML 85Page - Texas Instruments TMS320F2811 Datasheet HTML 86Page - Texas Instruments TMS320F2811 Datasheet HTML 87Page - Texas Instruments TMS320F2811 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 175 page
background image
8.12.7 Interrupt Timing
8.12.7.1 Interrupt Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(PDP-PWM)HZ
Delay time, PDPINTx low to PWM high-
impedance state
Without input qualifier
12
ns
With input qualifier
1tc(SCO) + IQT + 12(1)
td(TRIP-PWM)HZ
Delay time, CxTRIP/ TxCTRIP signals low to
PWM high-impedance state
Without input qualifier
3 * tc(SCO)
ns
With input qualifier
2tc(SCO) + IQT(1)
td(INT)
Delay time, INT low/high to interrupt-vector fetch
IQT + 12tc(SCO) (1)
ns
(1)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
8.12.7.2 Interrupt Timing Requirements
MIN
MAX
UNIT
tw(INT)
Pulse duration, INT input low/high
With no qualifier
2tc(SCO)
cycles
With qualifier
1tc(SCO) + IQT(1)
tw(PDP)
Pulse duration, PDPINTx input low
With no qualifier
2tc(SCO)
cycles
With qualifier
1tc(SCO) + IQT(1)
tw(CxTRIP)
Pulse duration, CxTRIP input low
With no qualifier
2tc(SCO)
cycles
With qualifier
1tc(SCO) + IQT(1)
tw(TxCTRIP)
Pulse duration, TxCTRIP input low
With no qualifier
2tc(SCO)
cycles
With qualifier
1tc(SCO) + IQT(1)
(1)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
PWM
(C)
TxCTRIP
CxTRIP
PDPINTx
,
,
(B)
XCLKOUT
(A)
t
, t
, t
w(PDP)
w(CxTRIP)
w(TxCTRIP)
t
, t
d(PDP-PWM)HZ
d(TRIP-PWM)HZ
XNMI,
XINT1, XINT2
t
w(INT)
t
d(INT)
A0-A15
Interrupt Vector
A. XCLKOUT = SYSCLKOUT
B. TxCTRIP – T1CTRIP, T2CTRIP, T3CTRIP, T4CTRIP CxTRIP – C1TRIP, C2TRIP, C3TRIP, C4TRIP, C5TRIP, or C6TRIP PDPINTx –
PDPINTA or PDPINTB
C. PWM refers to all the PWM pins in the device (that is, PWMn and TnPWM pins or PWM pin pair relevant to each CxTRIP pin). The state
of the PWM pins after PDPINTx is taken high depends on the state of the FCOMPOE bit.
Figure 8-46. External Interrupt Timing
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com