Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 72Page - Texas Instruments TMS320F2811 Datasheet HTML 73Page - Texas Instruments TMS320F2811 Datasheet HTML 74Page - Texas Instruments TMS320F2811 Datasheet HTML 75Page - Texas Instruments TMS320F2811 Datasheet HTML 76Page - Texas Instruments TMS320F2811 Datasheet HTML 77Page - Texas Instruments TMS320F2811 Datasheet HTML 78Page - Texas Instruments TMS320F2811 Datasheet HTML 79Page - Texas Instruments TMS320F2811 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 175 page
background image
8.12.5.16 Multichannel Buffered Serial Port (McBSP) Timing
8.12.5.16.1 McBSP Transmit and Receive Timing
8.12.5.16.1.1 McBSP Timing Requirements
NO.(1)
(2)
MIN
MAX
UNIT
McBSP module clock (CLKG, CLKX, CLKR) range
1
kHz
20(3)
MHz
McBSP module cycle time (CLKG, CLKX, CLKR) range
50
ns
1
ms
M11
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P
ns
M12
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P – 7
ns
M13
tr(CKRX)
Rise time, CLKR/X
CLKR/X ext
7
ns
M14
tf(CKRX)
Fall time, CLKR/X
CLKR/X ext
7
ns
M15
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR int
18
ns
CLKR ext
2
M16
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR int
0
ns
CLKR ext
6
M17
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR int
18
ns
CLKR ext
2
M18
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR int
0
ns
CLKR ext
6
M19
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX int
18
ns
CLKX ext
2
M20
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX int
0
ns
CLKX ext
6
(1)
Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that
signal are also inverted.
(2)
2P = 1/CLKG in ns. CLKG is the output of sample rate generator mux. CLKG = CLKSRG/(1 + CLKGDV).
CLKSRG can be LSPCLK, CLKX, CLKR as source. CLKSRG ≤ (SYSCLKOUT/2). McBSP performance is limited by I/O buffer
switching speed.
(3)
Internal clock prescalers must be adjusted such that the McBSP clock (CLKG, CLKX, CLKR) speeds are not greater than the I/O buffer
speed limit (20 MHz).
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
76
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com