Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 67Page - Texas Instruments TMS320F2811 Datasheet HTML 68Page - Texas Instruments TMS320F2811 Datasheet HTML 69Page - Texas Instruments TMS320F2811 Datasheet HTML 70Page - Texas Instruments TMS320F2811 Datasheet HTML 71Page - Texas Instruments TMS320F2811 Datasheet HTML 72Page - Texas Instruments TMS320F2811 Datasheet HTML 73Page - Texas Instruments TMS320F2811 Datasheet HTML 74Page - Texas Instruments TMS320F2811 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 175 page
background image
8.12.5.15.4 Current Consumption for Different ADC Configurations
8.12.5.15.4.1 Current Consumption for Different ADC Configurations (at 25-MHz ADCCLK)
IDDA (TYP)(1) (2)
IDDAIO (TYP)
IDD1 (TYP)
ADC OPERATING MODE/CONDITIONS
40 mA
1 µA
0.5 mA
Mode A (Operational Mode):
•
BG and REF enabled
•
PWD disabled
7 mA
0
5 µA
Mode B:
•
ADC clock enabled
•
BG and REF enabled
•
PWD enabled
1 µA
0
5 µA
Mode C:
•
ADC clock enabled
•
BG and REF disabled
•
PWD enabled
1 µA
0
0
Mode D:
•
ADC clock disabled
•
BG and REF disabled
•
PWD enabled
(1)
Test Conditions:
•
SYSCLKOUT = 150 MHz
•
ADC module clock = 25 MHz
•
ADC performing a continuous conversion of all 16 channels in Mode A
(2)
IDDA – includes current into VDDA1/VDDA2 and AVDDREFBG
ac
R
s
ADCIN0
C
10 pF
p
C
1.25 pF
h
Switch
Typical Values of the Input Circuit Components:
Switch Resistance (R ): 1 k
on
W
1 kW
Sampling Capacitor (C ): 1.25 pF
h
Parasitic Capacitance (C ): 10 pF
p
Source Resistance (R ): 50
s
W
28x DSP
Source
Signal
R
on
Figure 8-35. ADC Analog Input Impedance Model
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com