Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 73Page - Texas Instruments TMS320F2811 Datasheet HTML 74Page - Texas Instruments TMS320F2811 Datasheet HTML 75Page - Texas Instruments TMS320F2811 Datasheet HTML 76Page - Texas Instruments TMS320F2811 Datasheet HTML 77Page - Texas Instruments TMS320F2811 Datasheet HTML 78Page - Texas Instruments TMS320F2811 Datasheet HTML 79Page - Texas Instruments TMS320F2811 Datasheet HTML 80Page - Texas Instruments TMS320F2811 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 175 page
background image
8.12.5.16.1.2 McBSP Switching Characteristics
NO.(1)
(2)
PARAMETER
MIN
MAX
UNIT
M1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P
ns
M2
tw(CKRXH)
Pulse duration, CLKR/X high
CLKR/X int
D – 5(3)
D + 5(3)
ns
M3
tw(CKRXL)
Pulse duration, CLKR/X low
CLKR/X int
C – 5(3)
C + 5(3)
ns
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
0
4
ns
CLKR ext
3
27
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX int
0
4
ns
CLKX ext
3
27
M6
tdis(CKXH-DXHZ)
Disable time, CLKX high to DX high impedance following last
data bit
CLKX int
8
ns
CLKX ext
14
M7
td(CKXH-DXV)
Delay time, CLKX high to DX valid.
This applies to all bits except the first bit transmitted.
CLKX int
9
ns
CLKX ext
28
Delay time, CLKX high to DX valid. Only applies to
first bit transmitted when in Data Delay 1 or 2
(XDATDLY = 01b or 10b) modes.
DXENA = 0
CLKX int
8
CLKX ext
14
DXENA = 1
CLKX int
P + 8
CLKX ext
P + 14
M8
ten(CKXH-DX)
Enable time, CLKX high to DX driven. Only
applies to first bit transmitted when in Data Delay
1 or 2 (XDATDLY = 01b or 10b) modes.
DXENA = 0
CLKX int
0
ns
CLKX ext
6
DXENA = 1
CLKX int
P
CLKX ext
P + 6
M9
td(FXH-DXV)
Delay time, FSX high to DX valid. Only applies to
first bit transmitted when in Data Delay 0
(XDATDLY = 00b) mode.
DXENA = 0
FSX int
8
ns
FSX ext
14
DXENA = 1
FSX int
P + 8
FSX ext
P + 14
M10
ten(FXH-DX)
Enable time, FSX high to DX driven. Only applies
to first bit transmitted when in Data Delay 0
(XDATDLY = 00b) mode.
DXENA = 0
FSX int
0
ns
FSX ext
6
DXENA = 1
FSX int
P
FSX ext
P + 6
(1)
Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that
signal are also inverted.
(2)
2P = 1/CLKG in ns.
(3)
C = CLKRX low pulse width = P
D = CLKRX high pulse width = P
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com