Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 98Page - Texas Instruments TMS320F2811 Datasheet HTML 99Page - Texas Instruments TMS320F2811 Datasheet HTML 100Page - Texas Instruments TMS320F2811 Datasheet HTML 101Page - Texas Instruments TMS320F2811 Datasheet HTML 102Page - Texas Instruments TMS320F2811 Datasheet HTML 103Page - Texas Instruments TMS320F2811 Datasheet HTML 104Page - Texas Instruments TMS320F2811 Datasheet HTML 105Page - Texas Instruments TMS320F2811 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 175 page
background image
9.2.3 Enhanced Analog-to-Digital Converter (ADC) Module
A simplified functional block diagram of the ADC module is shown in Figure 9-4. The ADC module consists of a
12-bit ADC with a built-in sample-and-hold (S/H) circuit. Functions of the ADC module include:
• 12-bit ADC core with built-in S/H
• Analog input: 0.0 V to 3.0 V (voltages above 3.0 V produce full-scale conversion results)
• Fast conversion rate: 80 ns at 25-MHz ADC clock, 12.5 MSPS
• 16-channel, MUXed inputs
• Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion can be
programmed to select any 1 of 16 input channels
• Sequencer can be operated as two independent 8-state sequencers or as one large 16-state sequencer (that
is, two cascaded 8-state sequencers)
• Sixteen result registers (individually addressable) to store conversion values
– The digital value of the input analog voltage is derived by:
Digital Value = 0
, when ADCIN
ADCLO
£
Digital Value = 4095
, when ADCIN
3 V
³
, when ADCLO
ADCIN
3 V
<
<
Digital Value = floor 4096 ´
ADCIN
ADCLO
-
3
(
(
• Multiple triggers as sources for the start-of-conversion (SOC) sequence
– S/W – software immediate start
– EVA – Event manager A (multiple event sources within EVA)
– EVB – Event manager B (multiple event sources within EVB)
• Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS
• Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize
conversions
• EVA and EVB triggers can operate independently in dual-sequencer mode
• Sample-and-hold (S/H) acquisition time window has separate prescale control
The ADC module in the F281x has been enhanced to provide flexible interface to event managers A and B. The
ADC interface is built around a fast, 12-bit ADC module with a fast conversion rate of 80 ns at 25-MHz ADC
clock. The ADC module has 16 channels, configurable as two independent 8-channel modules to service event
managers A and B. The two independent 8-channel modules can be cascaded to form a 16-channel module.
Although there are multiple input channels and two sequencers, there is only one converter in the ADC module.
Figure 9-4 shows the block diagram of the F281x ADC module.
The two 8-channel modules have the capability to autosequence a series of conversions, each module has the
choice of selecting any one of the respective eight channels available through an analog MUX. In the cascaded
mode, the autosequencer functions as a single 16-channel sequencer. On each sequencer, once the conversion
is complete, the selected channel value is stored in its respective RESULT register. Autosequencing allows the
system to convert the same channel multiple times, allowing the user to perform oversampling algorithms. This
gives increased resolution over traditional single-sampled conversion results.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
102
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com