Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 108Page - Texas Instruments TMS320F2811 Datasheet HTML 109Page - Texas Instruments TMS320F2811 Datasheet HTML 110Page - Texas Instruments TMS320F2811 Datasheet HTML 111Page - Texas Instruments TMS320F2811 Datasheet HTML 112Page - Texas Instruments TMS320F2811 Datasheet HTML 113Page - Texas Instruments TMS320F2811 Datasheet HTML 114Page - Texas Instruments TMS320F2811 Datasheet HTML 115Page - Texas Instruments TMS320F2811 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 175 page
background image
9.2.5 Multichannel Buffered Serial Port (McBSP) Module
The McBSP module has the following features:
• Compatible to McBSP in TMS320C54x/TMS320C55x DSP devices, except the DMA features
• Full-duplex communication
• Double-buffered data registers which allow a continuous data stream
• Independent framing and clocking for receive and transmit
• External shift clock generation or an internal programmable frequency shift clock
• A wide selection of data sizes including 8-, 12-, 16-, 20-, 24-, or 32-bits
• 8-bit data transfers with LSB or MSB first
• Programmable polarity for both frame synchronization and data clocks
• Highly programmable internal clock and frame generation
• Support A-bis mode
• Direct interface to industry-standard CODECs, Analog Interface Chips (AICs), and other serially connected
A/D and D/A devices
• Works with SPI-compatible devices
• Two 16 x 16-level FIFO for Transmit channel
• Two 16 x 16-level FIFO for Receive channel
The following application interfaces can be supported on the McBSP:
• T1/E1 framers
• MVIP switching-compatible and ST-BUS-compliant devices including:
– MVIP framers
– H.100 framers
– SCSA framers
– IOM-2 compliant devices
– AC97-compliant devices (the necessary multiphase frame synchronization capability is provided.)
– IIS-compliant devices
• McBSP clock rate = CLKG = CLKSRG/(1 + CLKGDIV) , where CLKSRG source could be LSPCLK, CLKX, or
CLKR. 1
1 Serial port performance is limited by I/O buffer switching speed. Internal prescalers must be adjusted such
that the peripheral speed is less than the I/O buffer speed limit—20-MHz maximum.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
112
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com