Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8964AF Datasheet(PDF) 30 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 26Page - NXP Semiconductors FXLS8964AF Datasheet HTML 27Page - NXP Semiconductors FXLS8964AF Datasheet HTML 28Page - NXP Semiconductors FXLS8964AF Datasheet HTML 29Page - NXP Semiconductors FXLS8964AF Datasheet HTML 30Page - NXP Semiconductors FXLS8964AF Datasheet HTML 31Page - NXP Semiconductors FXLS8964AF Datasheet HTML 32Page - NXP Semiconductors FXLS8964AF Datasheet HTML 33Page - NXP Semiconductors FXLS8964AF Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
30 / 98
Callout
Current
mode
Next mode
Transition criteria
EXT_TRIG
WAKE
BT_MODE = GND:
Signal a low to high state transition on the INT2/EXT_TRIG pin to initiate an
ADC conversion
BT_MODE = VDD:
The EXT_TRIG function is not available when BT_MODE = VDD; this
transition is not possible
6
WAKE
EXT_TRIG
BT_MODE = GND:
FXLS8964AF automatically return to the EXT_TRIG state once the
previously triggered measurement has completed.
BT_MODE = VDD:
The EXT_TRIG function is not available when BT_MODE = VDD; this
transition is not possible
Standby
WAKE
BT_MODE = GND:
Set
SENS_CONFIG1[ACTIVE] = 1
BT_MODE = VDD:
The
SENS_CONFIG1[ACTIVE] bit is set automatically after the BOOT
process completes when the INT1/MOT_DET pin is held high.
The host may also manually set this bit using the I2C or SPI interfaces to
resume motion detection mode after changing the device configuration (after
entering Standby mode from WAKE mode via register command)
7
WAKE
Standby
BT_MODE = GND:
Set
SENS_CONFIG1[ACTIVE] = 0
BT_MODE = VDD:
The
SENS_CONFIG1[ACTIVE] bit is cleared automatically when the
INT1/MOT_DET pin is brought low for ≥ TMOT_HIB ms; The host may also
manually clear this bit using the I2C or SPI interfaces in order to change the
default device configuration.
WAKE
SLEEP
When
ASLP_CNT ≥ 1, the device transitions to the SLEEP mode when
none of the configured AWS interrupt source(s) clear the Auto-Wake/Sleep
timer before it expires (host programmed
ASLP_CNT value is reached),
allowing the device to conserve energy by automatically using a lower ODR
and/or power (performance) mode.
8
SLEEP
WAKE
One or more of the configured AWS event sources triggers the exit from
SLEEP mode and entry into WAKE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com