Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8964AF Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 8Page - NXP Semiconductors FXLS8964AF Datasheet HTML 9Page - NXP Semiconductors FXLS8964AF Datasheet HTML 10Page - NXP Semiconductors FXLS8964AF Datasheet HTML 11Page - NXP Semiconductors FXLS8964AF Datasheet HTML 12Page - NXP Semiconductors FXLS8964AF Datasheet HTML 13Page - NXP Semiconductors FXLS8964AF Datasheet HTML 14Page - NXP Semiconductors FXLS8964AF Datasheet HTML 15Page - NXP Semiconductors FXLS8964AF Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
12 / 98
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
±4 g mode, XY axes
512
±4 g mode, Z axis
256
±8 g mode, XY axes
256
±8 g mode, Z axis
128
±16 g mode, XY axes
128
STOC
Self-test output change
±16 g mode, Z axis
64
LSB
±4 g mode
–1600
+1600
±8 g mode
–800
+800
STOF
Self-test offset
±16 g mode
–400
+400
LSB
BWMAX
Maximum signal bandwidth
ODR = 3200 Hz
1600
Hz
ODRMAX
Maximum ODR
3200
Hz
NSDHPM
Noise spectral density, high
performance mode
±2 g mode
280
µg/√Hz
NSDLPM-1
Noise spectral density, low-power
mode, high-ODR range[2]
200 Hz ≤ ODR
≤ 3200 Hz,
±2 g mode
1120
to 280
µg/√Hz
NSDLPM-2
Noise spectral density, low-power
mode, low-ODR range[2]
0.781 Hz ≤
ODR < 200 Hz,
±2 g mode
16.8
to 1.1
mg/√Hz
[1]
Determined with post board mount data using a standard lead-free reflow profile and NXP recommended landing pattern on a 4-layer FR4 PCB with
1.6 mm (62.5 mil) overall thickness.
[2]
In low-power mode, higher ODR settings result in a lower noise density figure.
9.5 Electrical characteristics
Table 7. Electrical characteristics
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
1.71
3.0
3.6
V
IDDHPM
Average current draw in High
Performance mode
ODR independent,
T = 25 °C
150
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com