Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8964AF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 7Page - NXP Semiconductors FXLS8964AF Datasheet HTML 8Page - NXP Semiconductors FXLS8964AF Datasheet HTML 9Page - NXP Semiconductors FXLS8964AF Datasheet HTML 10Page - NXP Semiconductors FXLS8964AF Datasheet HTML 11Page - NXP Semiconductors FXLS8964AF Datasheet HTML 12Page - NXP Semiconductors FXLS8964AF Datasheet HTML 13Page - NXP Semiconductors FXLS8964AF Datasheet HTML 14Page - NXP Semiconductors FXLS8964AF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
11 / 98
Caution
This is an ESD sensitive device, improper handling can cause permanent damage to the part.
9.3 Operating conditions
Table 5. Nominal operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.71
3.0
3.6
V
Top
Operating temperature range
–40
+25
+105
°C
9.4 Mechanical characteristics
Table 6. Accelerometer sensor performance parameters
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
nACC
Output data width
12
bits
±2 g mode
±2
±4 g mode
±4
±8 g mode
±8
FSR
Full-scale measurement range
±16 g mode
±16
g
±2 g mode
0.87
0.98
1.12
±4 g mode
1.74
1.95
2.23
±8 g mode
3.47
3.91
4.46
±16 g mode
6.94
7.81
8.93
mg/LSB
±2 g mode
896
1024
1152
±4 g mode
448
512
576
±8 g mode
224
256
288
SEN
Nominal sensitivity
±16 g mode
112
128
144
LSB/g
SENTOL
Sensitivity tolerance[1]
±2.5
%SEN
TCS
Temperature coefficient of
sensitivity[1]
–40 to +105 °C
±0.01
%/°C
OFFPBM
Zero-g offset, post-board mount [1]
–550
±250
550
mg
TCOPBM
Zero-g offset temperature coefficient,
post-board mount[1]
–40 to +105 °C
±1
mg/°C
CAS
Cross-axis sensitivity
±2/4 g mode
±0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com