| Electronic Components Datasheet Search |
|
TMS320DM6446 Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6446 Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 214 page ![]() www.ti.com TMS320DM6446 Digital Media System on-Chip SPRS283 – DECEMBER 2005 Table 2-13. EMIFA Terminal Functions (continued) SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 9 EM_A[9]/ M4 I/O/Z IPD output EM_A[9]. GPIO22 For GPIO, it is GPIO22. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 8 EM_A[8]/ N3 I/O/Z IPD output EM_A[8]. GPIO23 For GPIO, it is GPIO23. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 7 EM_A[7]/ N2 I/O/Z IPD output EM_A[7]. GPIO24 For GPIO, it is GPIO24. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 6 EM_A[6]/ N1 I/O/Z IPD output EM_A[6]. GPIO25 For GPIO, it is GPIO25. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 5 EM_A[5]/ K3 I/O/Z IPD output EM_A[5]. GPIO26 For GPIO, it is GPIO26. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 4 EM_A[4]/ K4 I/O/Z IPD output EM_A[4]. GPIO27 For GPIO, it is GPIO27. This pin is multiplexed between EMIFA and GPIO. For EMIFA, it is address bit 3 EM_A[3]/ K2 I/O/Z IPD output EM_A[3]. GPIO28 For GPIO, it is GPIO28. EM_A[2]/ For EMIFA, this pin is the EM_A[2] address line. J1 I/O/Z IPD (CLE) For NAND/SmartMedia/xD, this pin is the Command Latch Enable output (CLE). EM_A[1]/ When used for EMIFA, it is address output EM_A[1]. J2 I/O/Z IPD (ALE) For NAND/SmartMedia/xD, it is Address Latch Enable output (ALE). This pin is multiplexed between EMIFA, ATA/CF, and GPIO. For EMIFA, this is Address output EM_A[0], which is the least significant bit on a 32-bit word EM_A[0]/ address. When connected to a 16-bit asynchronous memory, this pin is the 2nd bit DA2/ J4 I/O/Z IPD of the address. For an 8-bit asynchronous memory, this pin is the 3rd bit of the GPIO53 address. For ATA/CF, it is Device address bit 2 output DA2. In GPIO mode, it is GPIO53. Device Overview 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |