Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System on-Chip
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 17Page - Texas Instruments TMS320DM6446 Datasheet HTML 18Page - Texas Instruments TMS320DM6446 Datasheet HTML 19Page - Texas Instruments TMS320DM6446 Datasheet HTML 20Page - Texas Instruments TMS320DM6446 Datasheet HTML 21Page - Texas Instruments TMS320DM6446 Datasheet HTML 22Page - Texas Instruments TMS320DM6446 Datasheet HTML 23Page - Texas Instruments TMS320DM6446 Datasheet HTML 24Page - Texas Instruments TMS320DM6446 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 214 page
background image
www.ti.com
TMS320DM6446
Digital Media System on-Chip
SPRS283 – DECEMBER 2005
Table 2-7. Memory Map Summary
START
END
SIZE
EDMA/
ARM
C64x+
VPSS
ADDRESS
ADDRESS
(Bytes)
PERIPHERAL
0x0000 0000
0x0000 1FFF
8K
ARM RAM0 (Instruction)
Reserved
Reserved
Reserved
0x0000 2000
0x0000 3FFF
8K
ARM RAM1 (Instruction)
Reserved
Reserved
Reserved
0x0000 4000
0x0000 7FFF
16K
ARM ROM (Instruction)
Reserved
Reserved
Reserved
0x0000 8000
0x0000 9FFF
8K
ARM RAM0 (Data)
Reserved
ARM RAM0
Reserved
0x0000 A000
0x0000 BFFF
8K
ARM RAM1 (Data)
Reserved
ARM RAM1
Reserved
0x0000 C000
0x0000 FFFF
16K
ARM ROM (Data)
Reserved
ARM ROM
Reserved
0x0001 0000
0x000F FFFF
960K
Reserved
Reserved
Reserved
Reserved
0x0010 0000
0x001F FFFF
1M
Reserved
VICP
Reserved
Reserved
0x0020 0000
0x007F FFFF
6M
Reserved
Reserved
Reserved
Reserved
0x0080 0000
0x0080 FFFF
64K
Reserved
L2 RAM/Cache
Reserved
Reserved
0x0081 0000
0x00DF FFFF
6080K
Reserved
Reserved
Reserved
Reserved
0x00E0 0000
0x00E0 3FFF
16K
Reserved
Reserved
Reserved
Reserved
0x00E0 4000
0x00E0 7FFF
16K
Reserved
Reserved
Reserved
Reserved
0x00E0 8000
0x00E0 FFFF
32K
Reserved
L1P Cache
Reserved
Reserved
0x00E1 0000
0x00F0 3FFF
976K
Reserved
Reserved
Reserved
Reserved
0x00F0 4000
0x00F0 FFFF
48K
Reserved
L1D RAM
Reserved
Reserved
0x00F1 0000
0x00F1 7FFF
32K
Reserved
L1D Cache
Reserved
Reserved
0x00F1 8000
0x017F FFFF
9120K
Reserved
Reserved
Reserved
Reserved
0x0180 0000
0x01BB FFFF
3840K
Reserved
CFG Space
Reserved
Reserved
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB Memory
CFG Space
Reserved
Reserved
0x01BC 1000
0x01BC 17FF
2K
ARM ETB Registers
CFG Space
Reserved
Reserved
0x01BC 1800
0x01BC 18FF
256
ARM IceCrusher
CFG Space
Reserved
Reserved
0x01BC 1900
0x01BC FFFF
59136
Reserved
CFG Space
Reserved
Reserved
0x01BD 0000
0x01BF FFFF
192K
Reserved
CFG Space
Reserved
Reserved
0x01C0 0000
0x01FF FFFF
4M
CFG Bus Peripherals
CFG Bus
CFG Bus
Reserved
Peripherals
Peripherals
0x0200 0000
0x09FF FFFF
128M
EMIFA (Code and Data)
EMIFA (Data)
EMIFA (Data)
Reserved
0x0A00 0000
0x0BFF FFFF
32M
Reserved
Reserved
Reserved
Reserved
0x0C00 0000
0x0FFF FFFF
64M
VLYNQ (Remote)
Reserved
VLYNQ (Remote)
Reserved
0x1000 0000
0x1000 7FFF
32K
Reserved
Reserved
Reserved
Reserved
0x1000 8000
0x1000 9FFF
8K
Reserved
ARM RAM0
ARM RAM0
Reserved
0x1000 A000
0x1000 BFFF
8K
Reserved
ARM RAM1
ARM RAM1
Reserved
0x1000 C000
0x1000 FFFF
16K
Reserved
ARM ROM
ARM ROM
Reserved
0x1001 0000
0x110F FFFF
17344K
Reserved
Reserved
Reserved
Reserved
0x1110 0000
0x111F FFFF
1M
VICP
VICP
VICP
Reserved
0x1120 0000
0x117F FFFF
6M
Reserved
Reserved
Reserved
Reserved
0x1180 0000
0x1180 FFFF
64K
L2 RAM/Cache
L2 RAM/Cache
L2 RAM/Cache
Reserved
0x1181 0000
0x11DF FFFF
6080K
Reserved
Reserved
Reserved
Reserved
0x11E0 0000
0x11E0 3FFF
16K
Reserved
Reserved
Reserved
Reserved
0x11E0 4000
0x11E0 7FFF
16K
Reserved
Reserved
Reserved
Reserved
0x11E0 8000
0x11E0 FFFF
32K
L1P Cache
L1P Cache
L1P Cache
Reserved
0x11E1 0000
0x11F0 3FFF
976K
Reserved
Reserved
Reserved
Reserved
0x11F0 4000
0x11F0 FFFF
48K
L1D RAM
L1D RAM
L1D RAM
Reserved
0x11F1 0000
0x11F1 7FFF
32K
L1D RAM/Cache
L1D RAM/Cache
L1D RAM/Cache
Reserved
0x11F1 8000
0x1FFF FFFF
241M-32K
Reserved
Reserved
Reserved
Reserved
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com