| Electronic Components Datasheet Search |
|
TMS320DM6446 Datasheet(PDF) 87 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6446 Datasheet(HTML) 87 Page - Texas Instruments |
|
87 / 214 page ![]() www.ti.com TMS320DM6446 Digital Media System on-Chip SPRS283 – DECEMBER 2005 5.3.1.3 DM6446 Power and Clock Domains DM6446 includes two separate power domains: "Always On" and "DSP". The "Always On" power domain is always on when the chip is on. The "Always On" domain is powered by the VDD pins of the DM6446. The majority of the DM6446's modules lie within the "Always On" power domain. A separate domain called the "DSP" domain houses the C64x+ and VICP. The "DSP" domain is not always on. The "DSP" power domain is powered by the CVDDDSP pins of the DM6446. Table 5-1 provides a listing of the DM6446 power and clock domains. Two primary reference clocks are required for the DM6446 device. These can either be crystal input or driven by external oscillators. A 27-MHz crystal is recommended for the system PLLs, which generate the internal clocks for the ARM, DSP, coprocessors, peripherals (including imaging peripherals), and EDMA3. The recommended 27-MHz input enables the use of the video DACs to drive NTSC/PAL television signals at the proper frequencies. A 24-MHz crystal is also required if the USB peripheral is to be used. For further description of the DM6446 clock domains, see Table 5-2 and Figure 5-4. Table 5-1. DM6446 Power and Clock Domains Power Domain Clock Domain Peripheral/Module Always On CLKIN UART0 Always On CLKIN UART1 Always On CLKIN UART2 Always On CLKIN I2C Always On CLKIN Timer0 Always On CLKIN Timer1 Always On CLKIN Timer2 Always On CLKIN PWM0 Always On CLKIN PWM1 Always On CLKIN PWM2 Always On CLKDIV2 ARM Subsystem Always On CLKDIV3 DDR2 Always On CLKDIV3 VPSS Always On CLKDIV3 EDMA Always On CLKDIV3 SCR Always On CLKDIV6 GPSC Always On CLKDIV6 LPSCs Always On CLKDIV6 Ice Pick Always On CLKDIV6 EMIFA Always On CLKDIV6 USB Always On CLKDIV6 VLYNQ Always On CLKDIV6 EMAC Always On CLKDIV6 ATA/CF Always On CLKDIV6 MMC/SD Always On CLKDIV6 SPI Always On CLKDIV6 ASP Always On CLKDIV6 GPIO DSP CLKDIV1 C64x+ CPU DSP CLKDIV2 VICP DSP CLKDIV4 VICP DSP CLKDIV6 VICP Peripheral and Electrical Specifications 87 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |