Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System on-Chip
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 69Page - Texas Instruments TMS320DM6446 Datasheet HTML 70Page - Texas Instruments TMS320DM6446 Datasheet HTML 71Page - Texas Instruments TMS320DM6446 Datasheet HTML 72Page - Texas Instruments TMS320DM6446 Datasheet HTML 73Page - Texas Instruments TMS320DM6446 Datasheet HTML 74Page - Texas Instruments TMS320DM6446 Datasheet HTML 75Page - Texas Instruments TMS320DM6446 Datasheet HTML 76Page - Texas Instruments TMS320DM6446 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 214 page
background image
www.ti.com
3.6.6
Pin Multiplexing Register Field Details
TMS320DM6446
Digital Media System on-Chip
SPRS283 – DECEMBER 2005
Table 3-18. PINMUX1 Register Description
Name
Description
TIMIN
Enable TIM_IN function on default GPIO[49] pin
CLK1
Enable CLK_OUT1 function on default GPIO[49] pin
CLK0
Enable CLK_OUT0 function on default GPIO[48] pin
ASP
Enable ASP function on default GPIO[29:34] pins
SPI
Enable SPI function on default GPIO[37,39:42] pins
I2C
Enable I2C function on default GPIO[43:44] pins
PWM2
Enable PWM2 function on default GPIO[47] pin
PWM1
Enable PWM1 function on default GPIO[46] pin
PWM0
Enable PWM0 function on default GPIO[45] pin
U2FLO
Enable UART2 flow control function on default VPFE CI[5:4]/CCD_DATA[13:12] pins
UART2
Enable UART2 function on default VPFE CI[7:6]/CCD_DATA[15:14] pins
UART1
Enable UART1 function on shared ATA (CF) DMACK, DMARQ pins
UART0
Enable UART0 function on default GPIO[35:36] pins
The bit fields for various pin multiplexing options within the PINMUX0 and PINMUX1 registers are
described in the following sections.
3.6.6.1
EMAC and GPIO3V Pin Multiplexing
The EMAC pin functions are selected as shown in Table 3-19. The functionality for each of the individual
pins affected by the PINMUX0 field settings is given in Table 3-20.
Table 3-19. EMAC and GPIO3V Pin Multiplexing Control
EMACEN
PIN FUNCTIONALITY SELECTED
0
GPIO3V
1
EMAC
Table 3-20. EMAC and GPIO3V Multiplexed Pins
GPIO
EMAC
GPIO3V[0]
TXEN
GPIO3V[1]
TXCLK
GPIO3V[2]
COL
GPIO3V[3]
TXD[0]
GPIO3V[4]
TXD[1]
GPIO3V[5]
TXD[2]
GPIO3V[6]
TXD[3]
GPIO3V[7]
RXD[0]
GPIO3V[8]
RXD[1]
GPIO3V[9]
RXD[2]
GPIO3V[10]
RXD[3]
GPIO3V[11]
RXCLK
GPIO3V[12]
RXDV
GPIO3V[13]
RXER
GPIO3V[14]
CRS
Device Configuration
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com