Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System on-Chip
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 45Page - Texas Instruments TMS320DM6446 Datasheet HTML 46Page - Texas Instruments TMS320DM6446 Datasheet HTML 47Page - Texas Instruments TMS320DM6446 Datasheet HTML 48Page - Texas Instruments TMS320DM6446 Datasheet HTML 49Page - Texas Instruments TMS320DM6446 Datasheet HTML 50Page - Texas Instruments TMS320DM6446 Datasheet HTML 51Page - Texas Instruments TMS320DM6446 Datasheet HTML 52Page - Texas Instruments TMS320DM6446 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 214 page
background image
www.ti.com
TMS320DM6446
Digital Media System on-Chip
SPRS283 – DECEMBER 2005
Table 2-28. ATA/CF Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
EM_D15/
E1
DD15
EM_D14/
H5
DD14
EM_D13/
F2
DD13
EM_D12/
D1
DD12
EM_D11/
G4
DD11
EM_D10/
G5
DD10
EM_D9/
E2
DD9
EM_D8/
These pins are multiplexed between EMIFA (NAND) and ATA/CF. In all cases
F3
DD8
they are used as a 16 bit bi-directional data bus. For EMIFA (NAND), these are
I/O/Z
IPD
EM_D[15:0].
EM_D7/
C1
For ATA/CF, these are DD[15:0].
DD7
EM_D6/
F4
DD6
EM_D5/
D2
DD5
EM_D4/
E4
DD4
EM_D3/
E3
DD3
EM_D2/
F5
DD2
EM_D1/
D3
DD1
EM_D0/
E5
DD0
This pin is multiplexed between EMIFA, ATA/CF, and GPIO. For EMIFA, this is
Address output EM_A[0], which is the least significant bit on a 32-bit word
EM_A[0]/
address. When connected to a 16-bit asynchronous memory, this pin is the 2nd bit
DA2/
J4
I/O/Z
IPD
of the address. For an 8-bit asynchronous memory, this pin is the 3rd bit of the
GPIO53
address.
For ATA/CF, it is Device address bit 2 output DA2.
In GPIO mode, it is GPIO53.
This pin is multiplexed between EMIFA, ATA/CF, and GPIO. For EMIFA, this is
the Bank Address 1 output EM_BA[1]. When connected to a 16 bit asynchronous
EM_BA[1]/
memory this pin is the lowest order bit of the 16-bit word address. When
DA1/
H2
I/O/Z
IPD
connected to an 8-bit asynchronous memory, this pin is the 2nd bit of the address.
GPIO52
For ATA/CF, it is Device address bit 1 output DA1.
In GPIO mode, it is GPIO52.
This pin is multiplexed between EMIFA and ATA/CF. For EMIFA, this is the Bank
Address 0 output EM_BA[0]. When connected to an 8-bit asynchronous memory,
EM_BA[0]/
this pin is the lowest order bit of the byte address. When connected to a 16-bit
J3
I/O/Z
IPD
DA0
asynchronous memory, this pin has the same function as EMIF address pin 22
EM_A[22].
For ATA/CF, it is Device address bit 0 output DA0.
Device Overview
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com