| Electronic Components Datasheet Search |
|
TMS320DM6446 Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6446 Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 214 page ![]() www.ti.com TMS320DM6446 Digital Media System on-Chip SPRS283 – DECEMBER 2005 Table 2-26. UART0, UART1, UART2 Terminal Functions SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. UART2 This pin is multiplexed between the CCDC and UART2. When used by the CCDC as input CI7, it supports several modes. CI7/ In 16-bit CCD Analog-Front-End (AFE) mode, it is input CCD15. CCD15/ N19 I/O/Z IPD In 16-bit YCbCr mode, it is time multiplexed between CB7 and CR7 inputs. UART_RXD2 In 8-bit YCbCr mode, it is time multiplexed between Y7, CB7, and CR7 of the upper 8-bit channel. When used by UART2 it is the receive data input UART_RXD2. This pin is multiplexed between the CCDC and UART2. When used by the CCDC as input CI6, it supports several modes. In 16-bit CCD CI6/ AFE mode, it is input CCD14. CCD14/ N18 I/O/Z IPD In 16-bit YCbCr mode, it is time multiplexed between CB6 and CR6 inputs. UART_TXD2 In 8-bit YCbCr mode, it is time multiplexed between Y6, CB6, and CR6 of the upper 8-bit channel. In UART2 mode, it is the transmit data output UART_TXD2. This pin is multiplexed between the CCDC and UART2. When used by the CCDC as input CI5, it supports several modes. CI5/ In 16-bit CCD AFE mode, it is input CCD13. CCD13/ N17 I/O/Z IPD In 16-bit YCbCr mode, it is time multiplexed between CB5 and CR5 inputs. UART_CTS2 In 8-bit YCbCr mode, it is time multiplexed between Y5, CB5, and CR5 of the upper 8-bit channel. In UART2 mode, it is the clear to send input UART_CTS2. This pin is multiplexed between the CCDC and UART2. When used by the CCDC as input CI4, it supports several modes. CI4/ In 16-bit CCD AFE mode, it is input CCD12. CCD12/ N16 I/O/Z IPD In 16-bit YCbCr mode, it is time multiplexed between CB4 and CR4 inputs. UART_RTS2 In 8-bit YCbCr mode, it is time multiplexed between Y4, CB4, and CR4 of the upper 8-bit channel. In UART2 mode, it is the ready to send output UART_RTS2. UART1 This pin is multiplexed between ATA/CF and UART1. For ATA/CF, it is DMA DMACK/ H3 I/O/Z IPD acknowledge output DMACK. UART_TXD1 For UART1, it is transmit data output UART_TXD1. This pin is multiplexed between ATA/CF and UART1. For ATA/CF, it is DMA DMARQ/ G1 I/O/Z IPD request DMARQ input. UART_RXD1 For UART1, it is receive data input UART_RXD1. UART0 This pin is multiplexed between UART0 and GPIO. For UART0, it is Receive Data UART_RXD0/ D5 I/O/Z IPD input UART_RXD0. GPIO35 For GPIO, it is GPIO35. This pin is multiplexed between UART0 and GPIO. For UART0, it is Transmit Data UART_TXD0/ C5 I/O/Z IPD output UART_TXD0. GPIO36 For GPIO, it is GPIO36. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) Table 2-27. PWM0, PWM1, PWM2 Terminal Functions SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. PWM2 This pin is multiplexed between PWM2, VPBE, and GPIO. For PWM2, it is output PWM2/ PWM2. B2/ A15 I/O/Z IPD For the VPBE, it is RGB888 Blue output bit 2 (B2). GPIO47 For GPIO, it is GPIO47. PWM1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) Device Overview 47 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |