Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System on-Chip
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 35Page - Texas Instruments TMS320DM6446 Datasheet HTML 36Page - Texas Instruments TMS320DM6446 Datasheet HTML 37Page - Texas Instruments TMS320DM6446 Datasheet HTML 38Page - Texas Instruments TMS320DM6446 Datasheet HTML 39Page - Texas Instruments TMS320DM6446 Datasheet HTML 40Page - Texas Instruments TMS320DM6446 Datasheet HTML 41Page - Texas Instruments TMS320DM6446 Datasheet HTML 42Page - Texas Instruments TMS320DM6446 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 214 page
background image
www.ti.com
TMS320DM6446
Digital Media System on-Chip
SPRS283 – DECEMBER 2005
Table 2-17. SPI Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
SPI_DO/
This pin is multiplexed between SPI and GPIO. For SPI it is data output SPI_DO.
A2
I/O/Z
IPD
GPIO41
For GPIO, it is GPIO41.
Table 2-18. EMAC and MDIO Terminal Functions
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
EMAC
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, this pin
GPIOV33_0/
B13
I/O/Z
IPD
is 3.3V GPIO pin GPIOV33_0.
TXEN
In Ethernet MAC mode, it is Transmit Enable output TXEN.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_1/
A13
I/O/Z
IPD
3.3V GPIO GPIOV33_1.
TXCLK
In Ethernet MAC mode, it is Transmit Clock output TXCLK.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_2/
A12
I/O/Z
IPD
3.3V GPIO GPIOV33_2.
COL
In Ethernet MAC mode, it is Collision Detect input COL.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_6/
C12
I/O/Z
IPD
3.3V GPIO GPIOV33_6.
TXD3
In Ethernet MAC mode, it is Transmit Data 3 output TXD3.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_5/
A11
I/O/Z
IPD
3.3V GPIO GPIOV33_5.
TXD2
In Ethernet MAC mode, it is Transmit Data 2 output TXD2.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_4/
D12
I/O/Z
IPD
3.3V GPIO GPIOV33_4.
TXD1
In Ethernet MAC mode, it is Transmit Data 1 output TXD1.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_3/
B12
I/O/Z
IPD
3.3V GPIO GPIOV33_3.
TXD0
In Ethernet MAC mode, it is Transmit Data 0 output TXD0.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_11/
A10
I/O/Z
IPD
3.3V GPIO GPIOV33_11.
RXCLK
In Ethernet MAC mode, it is Receive Clock input RXCLK.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_12/
D11
I/O/Z
IPD
3.3V GPIO GPIOV33_12.
RXDV
In Ethernet MAC mode, it is Receive Data Valid input RXDV.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_13/
D10
I/O/Z
IPD
3.3V GPIO GPIOV33_13.
RXER
In Ethernet MAC mode, it is Receive Error input RXER.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_14/
C10
I/O/Z
IPD
3.3V GPIO GPIOV33_14.
CRS
In Ethernet MAC mode, it is Carrier Sense input CRS.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_10/
E11
I/O/Z
IPD
3.3V GPIO GPIOV33_10.
RXD3
In Ethernet MAC mode, it is Receive Data 3 input RXD3.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_9/
B11
I/O/Z
IPD
3.3V GPIO GPIOV33_9.
RXD2
In Ethernet MAC mode, it is Receive Data 2 input RXD2.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_8/
C11
I/O/Z
IPD
3.3V GPIO GPIOV33_8.
RXD1
In Ethernet MAC mode, it is Receive data 1 input RXD1.
This pin is multiplexed between GPIO and Ethernet MAC. In GPIO mode, it is
GPIOV33_7/
E12
I/O/Z
IPD
3.3V GPIO GPIOV33_7.
RXD0
In Ethernet MAC mode, it is Receive Data 0 input RXD0.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com