Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11T-80E/TE Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP37D11T-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11T-80E/TE Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP37D11T-80E/TE Datasheet HTML 52Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 53Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 54Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 55Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 56Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 57Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 58Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 59Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
DS20006381A-page 56
 2020 Microchip Technology Inc.
4.8.5
EXAMPLES OF REGISTER
SETTINGS FOR USING DDC AND
DECIMATION
The following tables show examples of setting registers
for using decimation and digital down-conversion
(DDC) depending on the output type selection.
TABLE 4-17:
REGISTER SETTINGS FOR DECIMATION AND DDC OPTIONS
FOR SINGLE-CHANNEL MODE – EXAMPLE
DDC
Mode
Addr.
0x02(2)
FIR A Filter
FIR B Filter
DDC1
DDC2
Dual-Channel
DSPP Control
Output
0
Disabled
0x00
0
0x00
0x00
0,0,0
0,0,0
0
ADC
8
Disabled
0x33
1
0x03
0x00
0,0,0
0,0,0
0
ADC with decimation
(÷8)
512
Disabled
0x99
1
0xFF
0x00
0,0,0
0,0,0
0
ADC with decimation
(÷512)
0
I/Q
0x00(5)
0
0x00
0x00
1,0,1
0,0,0
0
I/Q Data
8
I/Q
0x33
0
0x07
0x07
1,0,1
0,0,0
0
Decimated I/Q (÷8)
0fS/8
0x11(6)
0
0x00
0x00
1,1,1
0,0,0
0
Real without
additional decimation
8fS/8
0x44
0
0x07
0x07
1,0,1
1,0,0
0
Real with decimation
(÷16)
Note 1:
When DDC is used, the actual total decimation is 2x larger since 2x is included from the DDC Half-Band Filter.
Example: Decimation = 8x with DDC-I/Q option actually has 16x decimation with 8x provided by the decimation filter
and 2x from the DDC Half-Band Filter.
2:
Output data and clock rate control register.
3:
0x80<5,1,0> = <EN_NCO, EN_DDC_FS/8, EN_DDC1>.
4:
0x81<6,3,2> = <EN_DDC2, EN_DSPP_8, 8CH_CW>.
5:
Each of I/Q has 1/2 of fS bandwidth. The combined bandwidth is the same as the fS bandwidth. Therefore the data rate
adjustment is not needed.
6:
The Half-Band Filter A includes decimation of 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com