Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11T-80E/TE Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP37D11T-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11T-80E/TE Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP37D11T-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 73Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 74Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 75Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 76Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
TABLE 5-3:
REGISTER MAP TABLE
Addr.
Register Name
Bits
Default
Value
b7
b6
b5
b4
b3
b2
b1
b0
0x00
SPI Bit Ordering and ADC
Mode Selection
SHUTDOWN
LSb-FIRST
SOFT_RESET
STANDBY
STANDBY
SOFT_RESET
LSb-FIRST
SHUTDOWN
0x24
1 = Shutdown
1 =LSb first
0 =MSb first
0 = Soft Reset
1 = Standby
1 = Standby
0=Soft Reset
1 = LSb first
0 = MSb first
1 =Shutdown
0x01
No. of Channel Selection and
Independency Control of
Output Data and Clock Divider
EN_DATCLK_IND
FCB<3> = 0
SEL_NCH<2:0>
FCB<2:0> = 111
0x0F
0x02
Output Data and
Clock Rate Control
OUT_DATARATE<3:0>
OUT_CLKRATE<3:0>
0x00
0x04
SPI SDO Timing Control
SDO_TIME
FCB<6:0> = 0011111
0x9F
0x07
Output Randomizer
and WCK Polarity Control
POL_WCK
EN_AUTOCAL_
TIMEDLY
FCB<4:0> = 10001
EN_OUT_
RANDOM
0x62
0x1E
Auto-Calibration
Time Delay Control
AUTOCAL_TIMEDLY<7:0>
0x80
0x52
DLL Control
EN_DUTY
DCLK_PHDLY_DLL<2:0>
EN_DLL_DCLK
EN_DLL
EN_CLK
RESET_DLL
0x0A
0x53
Clock Source Selection
FCB<6:4>= 010
CLK_SOURCE
FCB<3:0>= 0101
0x45
0x54
PLL Reference Divider
PLL_REFDIV<7:0>
0x00
0x55
PLL Output and
Reference Divider
PLL_OUTDIV<3:0>
FCB<1:0> = 10
PLL_REFDIV<9:8>
0x48
0x56
PLL Prescaler (LSb)
PLL_PRE (LSB)<7:0>
0x78
0x57
PLL Prescaler (MSb)
FCB<3:0> = 0100
PLL_PRE (MSB)<11:8>
0x40
0x58
PLL Charge Pump
FCB<2:0> = 000
PLL_BIAS
PLL_CHAGPUMP<3:0>
0x12
0x59
PLL Enable Control 1
U
FCB<4:3> = 10
EN_PLL_REFDIV
FCB<2:1> = 00
EN_PLL
FCB<0> = 1
0x41
0x5A
PLL Loop Filter Resistor
U
FCB<1:0> = 01
PLL_RES<4:0>
0x2F
0x5B
PLL Loop Filter Cap3
U
FCB<1:0> = 01
PLL_CAP3<4:0>
0x27
0x5C
PLL Loop Filter Cap1
U
FCB<1:0> = 01
PLL_CAP1<4:0>
0x27
0x5D
PLL Loop Filter Cap2
U
FCB<1:0> = 01
PLL_CAP2<4:0>
0x27
0x5F
PLL Enable Control 2
FCB<5:2> = 1111
EN_PLL_OUT
EN_PLL_BIAS
FCB<1:0> = 01
0xF1
0x62
Output Data Format and
Output Test Pattern
U
FCB<0> = 0
DATA_FORMAT
OUTPUT_MODE<1:0>
TEST_PATTERNS<2:0>
0x10
0x63
LVDS Output Load and Drive
Current Control
FCB<3:0> = 0000
LVDS_LOAD
LVDS_IMODE<2:0>
0x01
0x64
Output Clock Phase
Control when Decimation
Filter is used
EN_PHDLY
DCLK_PHDLY_DEC<2:0>
FCB<3:0> = 0011
0x03
0x65
LVDS Output Polarity Control
POL_LVDS<5:0>
NO EFFECT<1:0>
0x00
0x66
Digital Offset
Correction - Lower Byte
DIG_OFFSET_GLOBAL<7:0>
0x00
Legend:
U = Unimplemented bit, read as ‘0’
FCB = Factory-Controlled Bits. Do not program
1 = bit is set
0 = bit is cleared
x = bit is unknown
2:
Read-only register. Preprogrammed at the factory for internal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com