| Electronic Components Datasheet Search |
|
MCP37D11T-80E/TE Datasheet(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP37D11T-80E/TE Datasheet(HTML) 61 Page - Microchip Technology |
|
61 / 136 page ![]() 2020 Microchip Technology Inc. DS20006381A-page 61 MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC 4.10 Continuous Wave (CW) Beamforming and Ultrasound Doppler Signal Processing Using CW Octal-Channel Mode (MCP37D11-80 only) In modern ultrasound medical applications, large numbers of transducers are often used. The signals from these sensors are then coherently combined for higher transducer gain and directivity. The signals from each sensor arrive at the detection device with a different time delay. Also, in multi-channel scanning operations using the MUX, there is a time delay between acquiring input signals (see Section 4.8.1 “Fractional Delay Recovery for Dual- and Octal- Channel Modes”). These time delays may need to be corrected before all input signals are combined for the signal processing. Digital beamforming is a digital signal processing technique that requires summing all input signals from different channels after correcting for time delay. The time-delay correction involves the phase alignment of the detected signals with respect to a reference. Along with beamforming, many modern medical ultrasound devices support Doppler imaging, which processes phase information in addition to the classical magnitude detection (for brightness imaging). Ultrasound Doppler signal processing is used to determine movement in the body as represented by blood flow, which can help diagnose the functioning of a heart valve or blood vessel, etc. In a traditional ultrasound system, all of these functions are typically accomplished with discrete components. Figure 4-24 shows an example of an ultrasound system implementation using various specialized components. FIGURE 4-23: Example of Ultrasound System Building Block. T/R Switcher Transducer Array HV MUX and T/R Switches AAF Isolation Clocks Beamformer Central Control Processor I/Q Processing DAC ADC ADC CW Doppler Processing Amp Amp ADC VGA LNA Image and Motion Processing (B Mode) Color Doppler Processing (F Mode) HV Amp Digital RX Beamformer Video DAC/ Video Encoder Video Compression Amp/ Filter Amp Audio DAC LNA-VGA-ADC Array (up to 256 Channels) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |