Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11T-80E/TE Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP37D11T-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11T-80E/TE Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP37D11T-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 73Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 74Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 75Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 76Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 77Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 78Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 79Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
0x9A
CH4 Digital Gain
CH4_DIG_GAIN<7:0>
0x3C
0x9B
CH5 Digital Gain
CH5_DIG_GAIN<7:0>
0x3C
0x9C
CH6 Digital Gain
CH6_DIG_GAIN<7:0>
0x3C
0x9D
CH7 Digital Gain
CH7_DIG_GAIN<7:0>
0x3C
0x9E
CH0 Digital Offset
CH0_DIG_OFFSET<7:0>
0x00
0x9F
CH1 Digital Offset
CH1_DIG_OFFSET<7:0>
0x00
0xA0
CH2 Digital Offset
CH2_DIG_OFFSET<7:0>
0x00
0xA1
CH3 Digital Offset
CH3_DIG_OFFSET<7:0>
0x00
0xA2
CH4 Digital Offset
CH4_DIG_OFFSET<7:0>
0x00
0xA3
CH5 Digital Offset
CH5_DIG_OFFSET<7:0>
0x00
0xA4
CH6 Digital Offset
CH6_DIG_OFFSET<7:0>
0x00
0xA5
CH7 Digital Offset
CH7_DIG_OFFSET<7:0>
0x00
0xA7
Digital Offset Weight Control
FCB<5:3> = 010
DIG_OFFSET_WEIGHT<1:0>
FCB<2:0> = 111
0x47
0xC0
Calibration Status
Indication (Read only)
ADC_CAL_STAT
FCB<6:0> = 000-0000
─
0xD1
PLL Calibration Status
and PLL Drift Status Indication
(Read only)
FCB<4:3> = xx
PLL_CAL_STAT
FCB<2:1> = xx
PLL_VCOL_STAT
PLL_VCOH_STAT
FCB<0> = x
─
0x15C
CHIP ID - Lower Byte(2)
(Read only)
CHIP_ID<7:0>
─
0x15D
CHIP ID - Upper Byte(2)
(Read only)
CHIP_ID<15:8>
─
TABLE 5-3:
REGISTER MAP TABLE (CONTINUED)
Addr.
Register Name
Bits
Default
Value
b7
b6
b5
b4
b3
b2
b1
b0
Legend:
U = Unimplemented bit, read as ‘0’
FCB = Factory-Controlled Bits. Do not program
1 = bit is set
0 = bit is cleared
x = bit is unknown
2:
Read-only register. Preprogrammed at the factory for internal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com