Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11T-80E/TE Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP37D11T-80E/TE
Description  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11T-80E/TE Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP37D11T-80E/TE Datasheet HTML 85Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 86Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 87Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 88Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 89Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 90Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 91Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 92Page - Microchip Technology MCP37D11T-80E/TE Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 89
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
REGISTER 5-20:
ADDRESS 0X62 – OUTPUT DATA FORMAT AND OUTPUT TEST PATTERN
U-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
—
FCB
DATA_FORMAT
OUTPUT_MODE<1:0>
TEST_PATTERNS<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6
FCB: Factory-controlled bit. This is not for the user. Do not change default setting.
bit 5
DATA_FORMAT: Output data format selection
1 = Offset binary (unsigned)
0 = Two’s complement (Default)
bit 4-3
OUTPUT_MODE<1:0>: Output mode selection(1)
11 = Do not use. Output is undefined
10 = Select DDR LVDS output mode with even bit first(2)(Default)
01 = Select CMOS output mode
00 = Output disabled
bit 2-0
TEST_PATTERNS<2:0>: Test output data pattern selection(3)
111 = Output data is pseudo-random number (PN) sequence(4)
110 = Sync Pattern for LVDS output
Output: '11111111 0000'
101 = Alternating Sequence for LVDS mode
Output: ‘01010101 1010’
100 = Alternating Sequence for CMOS mode
Output: ‘11111111 1111’ alternating with ‘00000000 0000’
011 = Alternating Sequence for CMOS
Output: ‘01010101 0101’ alternating with ‘10101010 1010’
010 = Ramp Pattern: Output (Q0) is incremented by1 LSB per 64 clock cycles(5)
001 = Double Custom Patterns
Output: Alternating custom pattern A (see Addresses 0X74 - 0X75 – Registers 5-29 –5-30)
and custom pattern B (see Address 0X76 - 0X77 – Registers 5-31 – 5-32)(6)
000 = Normal Operation. Output: ADC data (Default)
Note 1:
See Figures 2-1 –2-2 for the timing diagrams.
2:
Rising edge: Q10, Q8, Q6, Q4, Q2, Q0.
Falling edge: Q11, Q9, Q7, Q5, Q3, Q1.
3:
See Section 4.12.12 “Output Test Patterns” for more details.
(a) In LVDS mode: only the active pins (per register settings) are active. Inactive output pins are High Z state.
(b) In CMOS mode: all data output pins (Q11-Q0), output test pins (TP), OVR and WCK pins are active,
even if they are disabled by register settings.
Since the output test pins (TP) can toggle during this test, the output test pins can draw extra current if
they are connected to the supply pin or ground. To avoid the extra current draws, always leave the TP
pins floating (not connected).
4:
Pseudo-random number (PN) code is generated by the linear feedback shift register (LFSR). See
Section 4.12.12.1, "Pseudo-Random Number (PN) Sequence Output" for more details.
5:
OVR and WCK bits are incremented by 1 per 219 and 218 clock cycles, respectively.
6:
Pattern A<11:0> and B<11:0> are applied to Q<11:0>. Q11 = OVR, Q10 = WCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com