Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 63 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 59Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 60Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 61Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 62Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 63Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 64Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 65Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 66Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
M69KB096AB
9 DC and AC parameters
63/73
Figure 32. Burst Write Interrupted by Burst Write or Read AC Waveforms
1.
The latency Type (BCR14) can be set to fixed or variable.The Latency is set to 3 clock cycles (BCR13-BCR11 = 101). The
WAIT signal is active Low (BCR10=0), and is asserted during delay (BCR8=0). All Burst operations are given for variable
latency and no refresh collision.
2.
The Burst Write is interrupted during the first allowable clock cycle, i.e. after the first Word written to the memory.
3.
The Chip Enable signal, E, can remain Low, VIL, between burst operations, but it must not remain Low for longer than
tELEH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com