Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 22Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 23Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 24Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 25Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 26Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 27Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 28Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 29Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
7 Configuration Registers
M69KB096AB
26/73
7
Configuration Registers
The M69KB096AB features three registers:
●
The Bus Configuration Register (BCR)
●
The Refresh Configuration Register (RCR)
●
The Device ID Register (DIDR).
BCR and RCR are user-programmable registers that define the device operating mode. They
are automatically loaded with default settings during Power-Up, and selected by address bits
A18 and A19 (see Table 8: Register Selection).
DIDR is a read-only register that contains information about the device identification. It is
selected by setting address bit A18 to ‘1’ with A19 ‘don’t care’.
The configuration registers (only BCR and RCR) can be programmed and read using two
methods:
●
The CR Controlled Method (or Hardware Method)
●
The Software Method.
7.1
Programming and Reading Registers using the CR Controlled
Method
7.1.1
Read Configuration Register
The content of a register is read by issuing a read operation with Configuration Register Enable
signal, CR, High, VIH. Address bits A18 and A19 select the register to be read (see Table 8:
Register Selection). The value contained in the register is then available on data bits DQ0 to
DQ15.
The BCR, RCR and DIDR can be read either in normal asynchronous or synchronous mode.
The CR pin has to be driven high prior to any access.
See Tables 6 and 7 for a detailed description of Configuration register Read by the CR
Controlled methods and Figures 17 and 28, CR Controlled Configuration Register Read
waveforms in asynchronous and synchronous mode.
7.1.2
Program Configuration Register
BCR and RCR registers can be programmed by issuing a bus write operation, in asynchronous
or synchronous mode (NOR-Flash or Full Synchronous), with Configuration Register Enable
signal, CR, High, VIH. Address bits A18 and A19 allow to select between BCR and RCR (see
Table 8: Register Selection).
In synchronous mode, the values placed on address lines A0 to A15 are latched on the rising
edge of L, E, or W, whichever occurs first.
In asynchronous mode, a register is programmed by toggling L signal.
LB and UB are ‘don’t care’. The CR pin has to be driven high prior to any access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com