Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 46 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 42Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 43Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 44Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 45Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 46Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 47Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 48Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 49Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
9 DC and AC parameters
M69KB096AB
46/73
Table 19.
Asynchronous Write AC Characteristics
Symbol
Alt.
Parameter(1)
Min
Max
Unit
tAVBL
tAVEL
tAVWL
tLLWL
tAS
Address Set-up to Beginning of Write Operation
0
ns
tLHAX
tLHRL
tAVH
Latch Enable High to Address Transition or
Latch Enable High to Configuration Register Low
2ns
tAVLH
tRHLH
tAVS
Address Valid to Latch Enable High
Configuration Register High to Latch Enable High
5ns
tAVWH
tAVEH
tAVBH
tAW
Address Set-up to End of Write Operation
70
ns
tBLBH
tBLEH
tBLWH
tBW
Upper/Lower Byte Enable Low to End of Write Operation
70
ns
tELTV
tCEW Chip Enable Low to WAIT Valid
1
7.5
ns
tEHEL
tCPH Chip Enable High between Subsequent Asynchronous Operations
5
ns
tELLH
tCVS Chip Enable Low to L High
7
ns
tELWH
tELEH
tELBH
tCW
Chip Enable Low to End of Write Operation
70
ns
tEHDX
tWHDX
tBHDX
tDH
Input Hold from Write
0
ns
tELWH
tDVBH
tDVEH
tDVWH
tDW
Input Valid to Write Setup Time
20
ns
tEHTZ
tBHTZ
(2)
tHZ
Chip Enable High to WAIT Hi-Z
LB/UB High to WAIT Hi-Z
Write Enable High to WAIT Hi-Z
8ns
tLLWH
tVS
Latch Enable Low to Write Enable High
70
ns
tAVAX
tWC
Write Cycle Time
70
ns
tWHQZ
tOW
End of Write to Input Low-Z
5
ns
tWLBH
tWLEH
tWLWH
(3)
tWP
Write Pulse Width
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com