Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 45 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 41Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 42Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 43Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 44Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 45Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 46Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 47Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 48Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
M69KB096AB
9 DC and AC parameters
45/73
Figure 17. CR Controlled Configuration Register Read Followed by Read, Asynchronous Mode
1.
A18-A19 must be set to ‘00b’ to select RCR, ‘01b’ to select the BCR and ‘1Xb’ to select the DIDR.
Addr.
(Except A18-A19)
ADDRESS
ADDRESS
A18-19
Initiate Configuration Register Access
CR
tRHLH
tLLLH
tEHEL
tELQV
Select Configuration Register
L
E
G
W
AI11566
Configuration Register
Data Valid
DQ0-DQ15
LB/UB
tLHRL
Data Valid
tAVQV
tLLQV
tEHQZ
tGLQX
tELQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com