Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 64 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 60Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 61Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 62Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 63Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 64Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 65Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 66Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 67Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
9 DC and AC parameters
M69KB096AB
64/73
Figure 33. CR Controlled Configuration Register Program, Synchronous Mode
1.
Only the Configuration Register (BCR) and the Refresh Configuration Register (RCR) can be modified.
2.
Data Inputs/Outputs are not used.
3.
The Opcode is the value to be written in the Configuration Register.
4.
A19 gives the Configuration Register address.
5.
CR initiates the Configuration Register Access.
Addr.(3)
K
tELEH
Hi-Z
AI10131d
L
E
W
CR(5)
Opcode
A18-A19(4)
00 (RCR)
01 (BCR)
G
UB, LB
DQ0-DQ15(2)
WAIT
tAVKH
tKHRL
tRHKH
tLLKH
tKHLH
tKHAX
tWLKH
tKHWH
tELTV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com