Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 67 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 63Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 64Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 65Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 66Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 67Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 68Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 69Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 70Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
M69KB096AB
10 Wafer and die specifications
67/73
Figure 36. Die Outline
1.
Die streets are not to scale.
Ai11630
dsw_X
dsw_Y
COS
y
x
-y
-x
Center of Die
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
20
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
37
38
39
54
55
56
57
58
59
60
61
62
64
65
66
67
68
69
70
71
53
40
41
42
43
44
45
46
47
48
49
50
51
52
Die Orientation with Respect
to Wafer Notch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com