Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AB80CW8 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 18Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 19Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 20Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 21Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 22Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 23Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 24Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 25Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
6 Synchronous Operating modes
M69KB096AB
22/73
Table 5.
Asynchronous Write Operations (NOR-Flash Synchronous Mode)
Table 6.
Synchronous Read Operations (NOR-Flash Synchronous Mode)
Asynchronous
Operations(1)(2)
1.
The device must have been configured to operate in asynchronous mode by setting BCR15 to ‘1’ (default value).
2.
The Clock signal, K, must remain Low, during asynchronous Write operations and to achieve standby power during
Standby and Deep Power-Down modes.
Power
E
L
W
G
UB,
LB
CR
A19 A18
A0-A21
DQ0-
DQ15
Word Write
Active (ICC)
VIL
VIL
VIL
X
VIL
VIL
Valid
Input Valid
Program Configuration
Register
(CR Controlled)(3)
3.
BCR and RCR only.
VIL
VIL
VIL
XX
VIH
00(RCR)
10(BCR)
RCR/
BCR
Data
X
Output Disable/
No Operation
Active (ICC)VIL VIH VIH VIH
VIL
VIL
VIL
High-Z
Standby
Standby (IPASR)VIH
XX
X
X
VIL
XHigh-Z
Deep Power-Down
Deep Power-Down
(ICCPD)
VIH
XX
X
X
X
X
High-Z
Synchronous
Operations(1)
1.
The device must have been configured to operate in synchronous mode by setting BCR15 to ‘0’ (default value).
Power
K
E
L
W
G
LB,
UB
CR
A19
A18
A0-
A21(2)
2.
Except A18 and A19.
DQ15-
DQ0
Initial Burst
Read
Active (ICC)
!
VIL
VIL
VIH
X
VIL
VIL
Valid
Valid
Valid
X
Subsequent
Burst Read(3)
3.
Burst Read Interrupt and Suspend are described in dedicated paragraph of the Section 6: Synchronous Operating modes.
!
VIL
VIH
X
VIL
VIL
VIL
X
Data-
Out
Read
Configuration
Register
(CR Controlled
Method)
!
VIL
VIL
VIH
VIL
X
VIH
00(RCR)
10(BCR)
X1(DIDR)
X
RCR/
BCR/
DIDR
Content
Output
Disable/No
Operation
Active (ICC)
!
VIL
VIH
VIH
VIH
X
VIL
XHigh-Z
Standby
Standby
(IPASR)
!
VIH
X
X
XXX
X
High-Z
Deep Power-
Down
Deep
Power-
Down
(ICCPD)
VIL
VIH
X
X
XXX
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com