Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 41 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 41 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 37Page - Microchip Technology ZL30263LDF1 Datasheet HTML 38Page - Microchip Technology ZL30263LDF1 Datasheet HTML 39Page - Microchip Technology ZL30263LDF1 Datasheet HTML 40Page - Microchip Technology ZL30263LDF1 Datasheet HTML 41Page - Microchip Technology ZL30263LDF1 Datasheet HTML 42Page - Microchip Technology ZL30263LDF1 Datasheet HTML 43Page - Microchip Technology ZL30263LDF1 Datasheet HTML 44Page - Microchip Technology ZL30263LDF1 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
ZL30260-ZL30263
Data Sheet
41
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
GPIO0SS
Register Description:
GPIO0 Status Select Register
Register Address:
0Dh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
REG[4:0]
BIT[2:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 3: Status Register (REG[4:0]). When GPIOCR1.GPIO0C=01xx, this field specifies the register of the
status bit that GPIO0 will follow while the BIT field below specifies the status bit within the register. Setting the
combination of this f
ield and the BIT field below to point to a bit that isn’t implemented as a real-time or latched status
register bit results in GPIO0 being driven low. The address of the status bit that GPIO0 follows is 0x40 + REG[4:0]
Bits 2 to 0: Status Bit (BIT[2:0]). When GPIOCR1.GPIO0C=01xx, the REG field above specifies the register of the
status bit that GPIO0 will follow while this field specifies the status bit within the register. Setting the combination of
the RE
G field and this field to point to a bit that isn’t implemented as a real-time or latched status register bit results
in GPIO1 being driven low. 000=bit 0 of the register. 111=bit 7 of the register.
Note: The device does not allow the GPIO status register bits in GPIOSR to be followed by a GPIO.
Register Name:
GPIO1SS
Register Description:
GPIO1 Status Select Register
Register Address:
0Eh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
REG[4:0]
BIT[2:0]
Default
0
0
0
0
0
0
0
0
These fields are identical to those in GPIO0SS except they control GPIO1.
Register Name:
GPIO2SS
Register Description:
GPIO2 Status Select Register
Register Address:
0Fh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
REG[4:0]
BIT[2:0]
Default
0
0
0
0
0
0
0
0
These fields are identical to those in GPIO0SS except they control GPIO2.
Register Name:
GPIO3SS
Register Description:
GPIO3 Status Select Register
Register Address:
10h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
REG[4:0]
BIT[2:0]
Default
0
0
0
0
0
0
0
0
These fields are identical to those in GPIO0SS except they control GPIO3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com