Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 11 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 7Page - Microchip Technology ZL30263LDF1 Datasheet HTML 8Page - Microchip Technology ZL30263LDF1 Datasheet HTML 9Page - Microchip Technology ZL30263LDF1 Datasheet HTML 10Page - Microchip Technology ZL30263LDF1 Datasheet HTML 11Page - Microchip Technology ZL30263LDF1 Datasheet HTML 12Page - Microchip Technology ZL30263LDF1 Datasheet HTML 13Page - Microchip Technology ZL30263LDF1 Datasheet HTML 14Page - Microchip Technology ZL30263LDF1 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
ZL30260-ZL30263
Data Sheet
11
© 2021 Microchip Technology Inc.
DS20006554A
Note: the bits of the I2C address are as shown above by default but can be changed in the I2CA register. A
device’s I2C slave address can be set to any value during auto-configuration at power-up by writing the I2CA
register as part of the configuration script.
5.3
Local Oscillator or Crystal
Section 5.3.1 describes how to connect an external oscillator and the required characteristics of the oscillator. Section
5.3.2 describes how to connect an external crystal to the on-chip crystal driver circuit and the required characteristics
of the crystal. The device does not require an external oscillator or crystal for operation.
5.3.1
External Oscillator
A signal from an external oscillator can be connected to the XA pin (XB must be left unconnected).
Table 8 specifies the range of possible frequencies for the XA input. To minimize jitter, the signal must be properly
terminated and must have very short trace length. A poorly terminated single-ended signal can greatly increase
output jitter, and long single-ended trace lengths are more susceptible to noise. When MCR2.XAB=10, XA is enabled
as a single-ended input.
While the stability of the external oscillator can be important, its absolute frequency accuracy is less important
because any known frequency inaccuracy of the oscillator can be compensated by adjusting the APLL's fractional
feedback divider value (AFBDIV) by ppb or ppm.
The jitter on output clock signals depends on the phase noise and frequency of the external oscillator. For the device
to operate with the lowest possible output jitter, the external oscillator should have the following characteristics:
•
Phase Jitter: less than 0.1ps RMS over the 12kHz to 5MHz integration band
•
Frequency: The higher the better, all else being equal
5.3.2
External Crystal and On-Chip Driver Circuit
The on-chip crystal driver circuit is designed to work with a fundamental mode, AT-cut crystal resonator. See Table
2 for recommended crystal specifications. To enable the crystal driver, set MCR2.XAB=01.
Figure 4 - Crystal Equivalent Circuit / Recommended Crystal Circuit
See Figure 4 for the crystal equivalent circuit and the recommended external component connections. The driver
circuit design includes configurable internal load capacitors. For a 10pF crystal the total capacitance on each of XA
and XB should be 2 x 10pF = 20pF. To achieve these loads without external capacitors, register field XACR3.XACAP
should be set to 20pF minus actual XA external board trace capacitance minus
XA’s minimum internal capacitance
of 6pF. For example, if external trace capacitance is 2pF then XACAP should be set to 20pF
– 2pF – 6pF = 12pF.
Register field XACR3.XBCAP should be set in a similar manner for XB load capacitance. Crystals with nominal load
capacitance other than 10pF usually can be supported with only internal load capacitance. If the XACAP and XBCAP
fields do not have sufficient range for the application, capacitance can be increased by using external caps C1 and
C2.
Users should also note that on-chip capacitors are not nearly as accurate as discrete capacitors (which can have 1%
accuracy). If tight frequency accuracy is required for the crystal driver circuit then set XACAP and XBCAP both to 0
and choose appropriate C1 and C2 capacitors with 1% tolerance.
CO
CS
LS
RS
XTAL
Crystal
C1
XA
XB
C2
6pF + XACAP*1pF
(CL = 10pF)
1M
6pF + XBCAP*1pF
(optional)
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com