Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 14 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 10Page - Microchip Technology ZL30263LDF1 Datasheet HTML 11Page - Microchip Technology ZL30263LDF1 Datasheet HTML 12Page - Microchip Technology ZL30263LDF1 Datasheet HTML 13Page - Microchip Technology ZL30263LDF1 Datasheet HTML 14Page - Microchip Technology ZL30263LDF1 Datasheet HTML 15Page - Microchip Technology ZL30263LDF1 Datasheet HTML 16Page - Microchip Technology ZL30263LDF1 Datasheet HTML 17Page - Microchip Technology ZL30263LDF1 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
ZL30260-ZL30263
Data Sheet
14
© 2021 Microchip Technology Inc.
DS20006554A
5.5.4
APLL Output Frequency
Figure 5 - APLL Block Diagram
The APLL is enabled when PLLEN.APLLEN=1. The APLL has a fractional-N architecture and therefore can produce
output frequencies that are either integer or non-integer multiples of the input clock frequency. Figure 5 shows a
block diagram of the APLL, which is built around an ultra-low-jitter multi-GHz VCO. Register fields AFBDIV, AFBREM,
AFBDEN and AFBBP configure the frequency multiplication ratio of the APLL. The ACR2.INTDIV field specifies how
the VCO frequency is divided down by the
APLL’s integer divider (which can also do some half divides). Dividing by
6 is the typical setting to produce 622.08MHz for SDH/SONET or 625MHz for Ethernet applications. The configuration
registers for the APLL’s fractional divider are described in section 5.5.5.
Internally, the exact APLL feedback divider value is expressed in the form AFBDIV + AFBREM / AFBDEN * 2-(33-AFBBP).
This feedback divider value must be chosen such that APLL_input_frequency * feedback_divider_value is in the
operating range of the VCO (as specified in Table 14). The AFBDIV term is a fixed-point number with 9 integer bits
and a configurable number of fractional bits (up to 33, as specified by AFBBP). Typically AFBBP is set to 9 to specify
that AFBDIV has 33
– 9 = 24 fractional bits. Using more than 24 fractional bits does not yield a detectable benefit.
Using less than 12 fractional bits is not recommended.
The following equations show how to calculate the feedback divider values for the situation where the APLL should
multiply the APLL input frequency by integer M and also fractionally scale by the ratio of integers N / D. In other
words, VCO_frequency = input_frequency * M * N / D. An example of this is multiplying 77.76MHz by M=48 and
scaling by N / D = 255 / 237 for forward error correction applications.
afbdiv = trunc(M * N / D * 224)
(1)
lsb_fraction = M * N / D * 224
– afbdiv
(2)
AFBDEN = D
(3)
AFBREM = round(lsb_fraction * AFBDEN)
(4)
AFBBP = 33
– 24 = 9
(5)
AFBDIV[41:0] = afbdiv * 2AFBBP
(6)
The trunc() function returns only the integer portion of the number. The round() function rounds the number to the
nearest integer. In Equation (1),
the temporary variable ‘afbdiv’ is set to the full-precision feedback divider value, M
* N / D, truncated after the 24th fractional bit. In Equation (2) the temporary variable 'lsb_fraction' is the fraction that
was truncated in Equation (1) and therefore is not represented in the afbdiv value. In Equation (3), AFBDEN is set to
the denominator of the original M * N / D ratio. In Equation (4), AFBREM is calculated as the integer numerator of a
fraction (with denominator AFBDEN) that equals the 'lsb_fraction' temporary variable. In Equation (5) AFBBP is set
to 33
– 24 = 9 to correspond with AFBDIV having 24 fractional bits. Finally, in equation (6) the afbdiv bits are shifted
into the proper position for the AFBDIV registers.
APLL
Phase/
Freq
Detector
Loop
Filter
VCO
~3.7- 4.2
GHz
Feedback
Divider
(fractional)
AFBDIV[74:0], AFBREM,
AFBDEN, AFBBP
Input Frequency Range:
9.72MHz to 156.25MHz
Clock from APLL
Input Mux
Integer
Divider
(whole ÷ 4-15,
half ÷ 4.5-7.5)
Clock to
Output
Muxes
ACR2.INTDIV[3:0]
Fractional
Divider
Clock to
Output
Muxes
FDIV, FREM, FDEN, FBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com