Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 80 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 80 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 76Page - Microchip Technology ZL30263LDF1 Datasheet HTML 77Page - Microchip Technology ZL30263LDF1 Datasheet HTML 78Page - Microchip Technology ZL30263LDF1 Datasheet HTML 79Page - Microchip Technology ZL30263LDF1 Datasheet HTML 80Page - Microchip Technology ZL30263LDF1 Datasheet HTML 81Page - Microchip Technology ZL30263LDF1 Datasheet HTML 82Page - Microchip Technology ZL30263LDF1 Datasheet HTML 83Page - Microchip Technology ZL30263LDF1 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
ZL30260-ZL30263
Data Sheet
80
© 2021 Microchip Technology Inc.
DS20006554A
Table 11 - Electrical Characteristics: LVPECL Clock Outputs
VDDOx=VDDH=3.3V±5% or VDDOx=VDDH=2.5V±5% for LVPECL operation.
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
Output frequency
fOCD
1045
MHz
Output common-mode voltage,
VDDOx=3.3V
VCM
1.85
1.95
2.05
V
Note 1. See Figure 16
Output common-Mode voltage,
VDDOx=2.5V
VCM
1.13
1.23
1.33
V
Note 1. See Figure 16
Output differential voltage
VOD
650
820
1050
mV
Note 1. See Figure 16
Output differential swing, peak-to-peak
VOD
1300
1640
2100
mVPP
Note 1. See Figure 16
Output rise/fall time
tR, tF
150
ps
20%-80%
Output duty cycle
45
50
55
%
Note 1:
OCxCR2.OCSF=0010, OCxDIFF.VCM=1100, OCxDIFF.VOD=0101. Output must have 100
 DC path between OUTxP and OUTxN
to meet these VOD specs. See Figure 17 parts a) and b) for examples where this DC path is a 100 termination resistor at the
receiver.
Table 12 - Electrical Characteristics: HCSL Clock Outputs
VDDOx=VDDH=3.3V±5% or VDDOx=VDDH=2.5V±5% for HCSL operation.
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
Output frequency
fOCHC
250
MHz
Output common-mode voltage
VCM
VOD / 2
V
Note 1. See Figure 16
Output differential voltage
VOD
0.6
0.75
0.95
V
Note 1. See Figure 16
Output rise/fall time
tR, tF
250
ps
20%-80%
Output duty cycle
45
50
55
%
Note 1:
Each of OCxP and OCxN with 50
 termination resistor to ground.
Table 13 - Electrical Characteristics: CMOS and HSTL (Class I) Clock Outputs
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
Output frequency
fOCMOS
<<1Hz
250
MHz
Note 1
Output high voltage
VOH
VDDOx
–0.4
VDDOx
V
Notes 2, 3
Output low voltage
VOL
0
0.4
V
Notes 2, 3
Output rise/fall time, VDDOx=1.8V,
OCxCR2.DRIVE=4x
tR, tF
0.4
ns
2pF load
Output rise/fall time, VDDOx=1.8V,
OCxCR2.DRIVE=4x
1.2
ns
15pF load
Output rise/fall time, VDDOx=3.3V,
OCxCR2.DRIVE=1x
0.7
ns
2pF load
Output rise/fall time, VDDOx=3.3V,
OCxCR2.DRIVE=1x
2.2
ns
15pF load
Output duty cycle
45
50
55
%
Note 4, 6
Output duty cycle
42
50
58
%
Notes 5, 6
Output duty cycle, OCxNEG single-ended
50
%
Output duty cycle, OCxPOS single-ended
50
%
Output current when output disabled
IOH
300
A
OCxCR2.OCSF=0
Note 1:
Minimum output frequency is a function of VCO frequency and output divider values and is guaranteed by design.
Note 2:
For HSTL Class I, V
OH and VOL apply for both unterminated loads and for symmetrically terminated loads, i.e. 50 to VDDOx/2.
Note 3:
For VDDOx=3.3V and OCxCR2.DRIVE=1x, IO=4mA. For VDDOx=1.5V and OCxCR2.DRIVE=4x, IO=8mA.
Note 4:
Output clock frequency
≤ 160MHz or VDDOx ≥ 1.8V.
Note 5:
Output clock frequency > 160MHz and VDDOx < 1.8V.
Note 6:
Measured differentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com