Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 59 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 59 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 55Page - Microchip Technology ZL30263LDF1 Datasheet HTML 56Page - Microchip Technology ZL30263LDF1 Datasheet HTML 57Page - Microchip Technology ZL30263LDF1 Datasheet HTML 58Page - Microchip Technology ZL30263LDF1 Datasheet HTML 59Page - Microchip Technology ZL30263LDF1 Datasheet HTML 60Page - Microchip Technology ZL30263LDF1 Datasheet HTML 61Page - Microchip Technology ZL30263LDF1 Datasheet HTML 62Page - Microchip Technology ZL30263LDF1 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
ZL30260-ZL30263
Data Sheet
59
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
ASCR
Register Description:
APLL Spread Spectrum Configuration Register 1
Register Address:
116h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
CNTEN[1:0]
DWNEN
SSEN
SPRDSS[2:0]
Default
0
0
0
0
0
0
0
0
Bits 6 to 5: Count Enable (CNTEN[1:0]). This field can be used to specify a count, or divide, value to divide the
APLL feedback divider clock down as needed for clocking the spread-spectrum logic when doing spread-spectrum
modulation in the fractional output divider. See section 5.5.8.2.
Bit 4: Spread Spectrum Down Only (DWNEN). Spread spectrum frequency modulation can be either center-spread
or down-spread. See section 5.5.8.
0 = Center-spread
1 = Down-spread
Bit 3: Spread Spectrum Enable (SSEN). When SPRDSS (see below) is set to 000, this bit enables spread spectrum
modulation in the APLL. See section 5.5.8.
Bits 2 to 0: Spread Spectrum Enable Source Select (SPRDSS[2:0]). This field specifies the APLL spread
spectrum enable control signal. See section 5.5.8.
000 = SSEN bit
001 = GPIO0
010 = GPIO1
011 = GPIO2
100 = GPIO3
101 to 111 = {unused values}
Register Name:
ASCNT1
Register Description:
APLL Spread Spectrum Count Register 1
Register Address:
117h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
ASCNT[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Spread-Spectrum Count (ASCNT[7:0]). The full 16-bit ASCNT[15:0] register spans this register
and ASCNT2. ASCNT is an unsigned integer that specifies the number of cycles
of the APLL’s input clock that the
device increments the output frequency and then the number of cycles that the device decrements the output
frequency. See section 5.5.8.
Register Name:
ASCNT2
Register Description:
APLL Spread Spectrum Count Register 1
Register Address:
118h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
ASCNT[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Spread-Spectrum Count (ASCNT[15:8]). See the ASCNT1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com