Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 69 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 69 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 65Page - Microchip Technology ZL30263LDF1 Datasheet HTML 66Page - Microchip Technology ZL30263LDF1 Datasheet HTML 67Page - Microchip Technology ZL30263LDF1 Datasheet HTML 68Page - Microchip Technology ZL30263LDF1 Datasheet HTML 69Page - Microchip Technology ZL30263LDF1 Datasheet HTML 70Page - Microchip Technology ZL30263LDF1 Datasheet HTML 71Page - Microchip Technology ZL30263LDF1 Datasheet HTML 72Page - Microchip Technology ZL30263LDF1 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
ZL30260-ZL30263
Data Sheet
69
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
OCxREG
Register Description:
Output Clock x Regulator Control Register
Register Address:
OC1: 203h, OC2: 213h, OC3: 223h, OC4: 233h, OC5: 243h
OC6: 253h, OC7: 263h, OC8: 273h, OC9: 283h, OC10: 293h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
VREG[3:0]
Default
0
0
0
0
0
0
0
0
Bits 3 to 0: Regulator Voltage (VREG[3:0]). This field specifies the power supply regulator voltage for the differential
output driver. Set this to at least VCM+VOD/2+0.5V. Max value is 2.2V when VDDOx is 2.5V, and max value is 2.9V
when VDDOx is 3.3V. See section 5.6.1.
0000 = 2.2V (default)
– typical for LVDS and AC-coupled LVPECL
0010 = 2.0V
0011 = 2.2V
0100 = 2.25V
0101 = 2.4V
0111 = 2.5V
1000 = 2.7V
1001 = 2.75V
1010 = 2.8V
1011 = 2.9V
– typical for DC-coupled LVPECL
1100 = 3.0V
1111 = Use this setting for HCSL signal format
All other values reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com