Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30263LDF1 Datasheet(PDF) 6 Page - Microchip Technology

Part # ZL30263LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263LDF1 Datasheet(HTML) 6 Page - Microchip Technology

Back Button ZL30263LDF1 Datasheet HTML 2Page - Microchip Technology ZL30263LDF1 Datasheet HTML 3Page - Microchip Technology ZL30263LDF1 Datasheet HTML 4Page - Microchip Technology ZL30263LDF1 Datasheet HTML 5Page - Microchip Technology ZL30263LDF1 Datasheet HTML 6Page - Microchip Technology ZL30263LDF1 Datasheet HTML 7Page - Microchip Technology ZL30263LDF1 Datasheet HTML 8Page - Microchip Technology ZL30263LDF1 Datasheet HTML 9Page - Microchip Technology ZL30263LDF1 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
ZL30260-ZL30263
Data Sheet
6
© 2021 Microchip Technology Inc.
DS20006554A
2.5
Evaluation Software
•
Simple, intuitive Windows-based graphical user interface
•
Supports all device features and register fields
•
Makes lab evaluation of the ZL30260/5/6/7 quick and easy
•
Generates configuration scripts to be stored in external (ZL30260,2) or internal (ZL30261,3) EEPROM
•
Generates full or partial configuration scripts to be run on a system processor
•
Works with or without an evaluation board
3. Pin Diagram
The device is packaged in a 8x8mm 56-pin QFN.
Figure 3 - Pin Diagram
VDDL
XB
XA
VDDH
VDDL
OC1N
OC1P
VDDOA
RSTN
VDDIO
VDDL
VDDH
VDDL
OC10N
OC10P
VDDOF
21
22
23
24
26
27
28
25
50
49
48
47
45
44
43
46
1
2
3
4
5
6
7
8
36
35
34
33
32
31
30
29
GND (E-pad)
15
16
17
18
20
19
9
10
11
12
13
14
42
41
40
39
38
37
56
55
54
53
51
52
OC2P
OC2N
VDDL
OC3N
OC3P
VDDOB
OC9P
OC9N
VDDL
OC8N
OC8P
VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com