Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C978AVCW Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 18Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 19Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 20Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 21Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 22Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 23Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 256 page
background image
22
Am79C978A
INTA
Interrupt Request
Output
An attention signal which indicates that one or more
of the following status flags is set: EXDINT, IDON,
MERR, MISS, MFCO, MPINT, RCVCCO, RINT, SINT,
TINT, TXSTRT, UINT, MCCINT, MPDTINT, MAPINT,
MREINT, and STINT. Each status flag has either a
mask or an enable bit which allows for suppression of
INTA assertion. Table 1 shows the flag descriptions.
By default INTA is an open-drain output. For applica-
tions that need a high-active edge-sensitive interrupt
signal, the INTA pin can be configured for this mode
by setting INTLEVEL (BCR2, bit 7) to Table 1.
When RST is active, INTA is the output for NAND
tree testing.
IRDY
Initiator Ready
Input/Output
IRDY indicates the ability of the initiator of the transac-
tion to complete the current data phase. IRDY is used
in conjunction with TRDY. Wait states are inserted until
both IRDY and TRDY are asserted simultaneously. A
data phase is completed on any clock when both IRDY
and TRDY are asserted.
When the Am79C978A controller is a bus master, it as-
serts IRDY during all write data phases to indicate that
valid data is present on AD[31:0]. During all read data
phases, the device asserts IRDY to indicate that it is
ready to accept the data.
When the Am79C978A controller is the target of a trans-
action, it checks IRDY during all write data phases to de-
termine if valid data is present on AD[31:0]. During all
read data phases, the device checks IRDY to determine
if the initiator is ready to accept the data.
When RST is active, IRDY is an input for NAND
tree testing.
PAR
Parity
Input/Output
Parity is even parity across AD[31:0] and C/BE[3:0].
When the Am79C978A controller is a bus master, it
generates parity during the address and write data
phases. It checks parity during read data phases.
When the Am79C978A controller operates in slave
mode, it checks parity during every address phase.
When it is the target of a cycle, it checks parity during
write data phases and it generates parity during read
data phases.
When RST is active, PAR is an input for NAND
tree testing.
PERR
Parity Error
Input/Output
During any slave write transaction and any master read
transaction, the Am79C978A controller asserts PERR
when it detects a data parity error and reporting of the
error is enabled by setting PERREN (PCI Command
register, bit 6) to 1. During any master write transaction,
the Am79C978A controller monitors PERR to see if the
target reports a data parity error.
When RST is active, PERR is an input for NAND
tree testing.
REQ
Bus Request
Input/Output
The Am79C978A controller asserts REQ pin as a sig-
nal that it wishes to become a bus master. REQ is
driven high when the Am79C978A controller does not
request the bus. In Power Management mode, the
REQ pin will not be driven.
Table 1.
Interrupt Flags
Name
Description
Mask Bit
Interrupt Bit
EXDINT
Excessive
Deferral
CSR5, bit 6
CSR5, bit 7
IDON
Initialization
Done
CSR3, bit 8
CSR0, bit 8
MERR
Memory Error
CSR3, bit 11
CSR0, bit 11
MISS
Missed Frame
CSR3, bit 12
CSR0, bit 12
MFCO
Missed Frame
Count Overflow
CSR4, bit 8
CSR4, bit 9
MPINT
Magic Packet
Interrupt
CSR5, bit 3
CSR5, bit 4
RCVCCO
Receive
Collision Count
Overflow
CSR4, bit 4
CSR4, bit 5
RINT
Receive
Interrupt
CSR3, bit 10
CSR0, bit 10
SINT
System Error
CSR5, bit 10
CSR5, bit 11
TINT
Transmit
Interrupt
CSR3, bit 9
CSR0, bit 9
TXSTRT
Transmit Start
CSR4, bit 2
CSR4, bit 3
UINT
User Interrupt
CSR4, bit 7
CSR4, bit 6
MCCINT
MII
Management
Command
Complete
Interrupt
CSR7, bit 4
CSR7, bit 5
MPDTINT
MII PHY Detect
Transition
Interrupt
CSR7, bit 0
CSR7, bit 1
MAPINT
MII Auto-Poll
Interrupt
CSR7, bit 6
CSR7, bit 7
MREINT
MII
Management
Frame Read
Error Interrupt
CSR7, bit 8
CSR7, bit 9
STINT
Software Timer
Interrupt
CSR7, bit 10
CSR7, bit 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com