Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C978AVCW Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 90Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 91Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 92Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 93Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 94Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 95Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 256 page
background image
94
Am79C978A
STOP
A STOP reset is generated by the assertion of the STOP
bit in CSR0. Writing a 1 to the STOP bit of CSR0, when
the stop bit currently has a value of 0, will initiate a STOP
reset. If the STOP bit is already a 1, then writing a 1 to the
STOP bit will not generate a STOP reset.
STOP will reset all or some portions of CSR0, 3, and 4 to
default values. For the identity of individual CSRs and bit
locations that are affected by STOP, see the individual
CSR register descriptions. STOP will not affect any of the
BCR and PCI configuration space locations. STOP will
cause the microcode program to jump to its reset state.
Following the end of the STOP operation, the controller
will not attempt to read the EEPROM device.
CAUTION:STOP will not cause a deassertion of the
REQ signal, if it happens to be active at the time of the
write to CSR0. The controller will wait until it gains bus
ownership, and it will first finish all scheduled bus mas-
ter accesses before the STOP reset is executed.
STOP terminates all network activity abruptly. The host
can use the suspend mode (SPND, CSR5, bit 0) to termi-
nate all network activity in an orderly sequence before
setting the STOP bit.
Power on Reset
Power on Reset (POR) is generated when the controller
is powered up. POR generates a hardware reset
(H_RESET). In addition, it clears some bits that
H_RESET does not affect.
Software Access
PCI Configuration Registers
The controller implements the 256-byte configuration
space as defined by the PCI draft specification revision
2.2. The 64-byte header includes all registers required to
identify the controller and its function. Additionally, PCI
Power Management Interface registers are implemented
at location 40h - 47h. The layout of the PCI configuration
space is shown in Table 26.
The PCI configuration registers are accessible only by
configuration cycles. All multi-byte numeric fields follow lit-
tle endian byte ordering. All write accesses to Reserved
locations have no effect; reads from these locations will
return a data value of 0.
Table 26.
PCI Configuration Space Layout
31
24
23
16
15
8
7
0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Reserved
0Ch
I/O Base Address
10h
Memory Mapped I/O Base Address
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Expansion ROM Base Address
30h
Reserved
CAP-PTR
34h
Reserved
38h
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
3Ch
PMC
NXT_ITM_PTR
CAP_ID
40h
DATA_REG
PMCSR_BSE
PMCSR
44H
Reserved
.
.
Reserved
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com