Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C978AVCW Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 21Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 22Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 23Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 256 page
background image
Am79C978A
25
EEDI
EEPROM Data In
Output
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EEDI is connected to the EEPROM’s data input
pin. It is controlled by either the Am79C978A controller
during command portions of a read of the entire
EEPROM, or indirectly by the host system by writing to
BCR19, bit 0.
Note: The EEDI pin is multiplexed with the LED0 pin.
EEDO
EEPROM Data Out
Input
This pin is designed to directly interface to a serial EE-
PROM that uses the 93C46 EEPROM interface proto-
col. EEDO is connected to the EEPROM’s data output
pin. It is controlled by either the Am79C978A control-
ler during command portions of a read of the entire
EEPROM, or indirectly by the host system by reading
from BCR19, bit 0.
Note: The EEDO pin is multiplexed with the LED3 pin.
EESK
EEPROM Serial Clock
Output
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EESK is connected to the EEPROM’s clock pin.
It is controlled by either the Am79C978A controller di-
rectly during a read of the entire EEPROM, or indirectly
by the host system by writing to BCR19, bit 1.
Note: The EESK pin is multiplexed with the LED1 pin.
The EESK pin is also used during EEPROM Auto-
Detection to determine whether or not an EEPROM is
present at the Am79C978A controller interface. At the
rising edge of the last CLK edge while RST is asserted,
EESK is sampled to determine the value of the EEDET
bit in BCR19. A sampled HIGH value means that an
EEPROM is present, and EEDET will be set to 1. A
sampled LOW value means that an EEPROM is not
present, and EEDET will be set to 0. See the EEPROM
Auto-Detection section for more details.
If no LED circuit is to be attached to this pin, then a
pull-up or pull-down resistor must be attached instead
to resolve the EEDET setting.
WARNING: The input signal level of EESK must be
valid for correct EEPROM detection before the
deassertion of RST.
MII Interface
RX_CLK
Receive Clock
Input
RX_CLK is a clock input that provides the timing refer-
ence for the transfer of the RX_DV, RXD[3:0], and
RX_ER signals into the Am79C978A device. RX_CLK
must provide a nibble rate clock (25% of the network
data rate). Hence, when the Am79C978A device is op-
erating at 10 Mbps, it provides an RX_CLK frequency
of 2.5 MHz, and at 100 Mbps it provides an RX_CLK
frequency of 25 MHz.
RXD[3:0]
Receive Data
Input
RXD[3:0] is the nibble-wide MII-compatible receive
data bus. Data on RXD[3:0] is sampled on every rising
edge of RX_CLK while RX_DV is asserted. RXD[3:0] is
ignored while RX_DV is de-asserted.
RX_DV
Receive Data Valid
Input
RX_DV is an input used to indicate that valid received
data is being presented on the RXD[3:0] pins and
RX_CLK is synchronous to the receive data. In order
for a frame to be fully received by the Am79C978A de-
vice, RX_DV must be asserted prior to the RX_CLK ris-
ing edge, when the first nibble of the Start of Frame
Delimiter is driven on RXD[3:0], and must remain as-
serted until after the rising edge of RX_CLK, when the
last nibble of the CRC is driven on RXD[3:0]. RX_DV
must then be deasserted prior to the RX_CLK rising
edge which follows this final nibble. RX_DV transitions
are synchronous to RX_CLK rising edges.
CRS
Receive Carrier Sense
Input
CRS is an input that indicates that a non-idle me-
dium, due either to transmit or receive activity, has
been detected.
COL
Collision
Input
COL is an input that indicates that a collision has been
detected on the network medium.
RX_ER
Receive Error
Input
RX_ER is an input that indicates that the MII trans-
ceiver device has detected a coding error in the receive
data frame currently being transferred on the RXD[3:0]
pins. If RX_ER is asserted while RX_DV is asserted, a
CRC error will be indicated in the receive descriptor for
the incoming receive frame. RX_ER is ignored while
RX_DV is deasserted. Special code groups generated
on RXD while RX_DV is deasserted are ignored (e.g.,
bad SSD in TX and idle in T4). RX_ER transitions are
synchronous to RX_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com