Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F684-E/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F684-E/P Datasheet HTML 3Page - Microchip Technology PIC16F684-E/P Datasheet HTML 4Page - Microchip Technology PIC16F684-E/P Datasheet HTML 5Page - Microchip Technology PIC16F684-E/P Datasheet HTML 6Page - Microchip Technology PIC16F684-E/P Datasheet HTML 7Page - Microchip Technology PIC16F684-E/P Datasheet HTML 8Page - Microchip Technology PIC16F684-E/P Datasheet HTML 9Page - Microchip Technology PIC16F684-E/P Datasheet HTML 10Page - Microchip Technology PIC16F684-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 5
PIC16F684
1.0
DEVICE OVERVIEW
This document contains device specific information for
the PIC16F684. Additional information may be found in
the “PICmicro® Mid-Range MCU Family Reference
Manual” (DS33023), which may be obtained from your
local Microchip Sales Representative or downloaded
from the Microchip web site.
The reference manual should be considered a comple-
mentary document to this data sheet and is highly
recommended reading for a better understanding of the
device architecture and operation of the peripheral
modules.
The PIC16F684 is covered by this data sheet. It is
available in 14-pin PDIP, SOIC and TSSOP packages.
Figure 1-1 shows a block diagram of the PIC16F684
device. Table 1-1 shows the pinout description.
FIGURE 1-1:
PIC16F684 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
Status Reg
MUX
ALU
W Reg
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
8
8
8
3
8-Level Stack
128 Bytes
2k X 14
(13-Bit)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR
VSS
Brown-out
Detect
Timer0
Timer1
Data
EEPROM
256 Bytes
EEDATA
EEADDR
RA0
RA1
RA2
RA3
RA4
RA5
2 Analog Comparators
Analog-To-Digital Converter
AN0 AN1 AN2 AN3
C1IN- C1IN+ C1OUT
T0CKI
INT
T1CKI
Configuration
Internal
Oscillator
VREF
and Reference
T1G
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
AN4 AN5 AN6 AN7
VDD
8
Timer2
C2IN- C2IN+ C2OUT
ECCP
Block
CCP1/P1A P1B P1C P1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com