Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F684-E/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F684-E/P Datasheet HTML 8Page - Microchip Technology PIC16F684-E/P Datasheet HTML 9Page - Microchip Technology PIC16F684-E/P Datasheet HTML 10Page - Microchip Technology PIC16F684-E/P Datasheet HTML 11Page - Microchip Technology PIC16F684-E/P Datasheet HTML 12Page - Microchip Technology PIC16F684-E/P Datasheet HTML 13Page - Microchip Technology PIC16F684-E/P Datasheet HTML 14Page - Microchip Technology PIC16F684-E/P Datasheet HTML 15Page - Microchip Technology PIC16F684-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 164 page
background image
PIC16F684
DS41202C-page 10
Preliminary
 2004 Microchip Technology Inc.
TABLE 2-2:
PIC16F684 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
17, 99
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
12, 99
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
17, 99
83h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
Z
DC
C
0001 1xxx
11, 99
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
17, 99
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
32, 99
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
43, 99
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
17, 99
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
13, 99
8Ch
PIE1
EEIE
ADIE
CCP1IE
C2IE
C1IE
OSFIE
TMR2IE
TMR1IE
0000 0000
14, 99
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
ULPWUE
SBODEN
—
—POR
BOD
--01 --qq
16, 99
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS(2)
HTS
LTS
SCS
-110 x000
29, 99
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
23, 99
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
65, 99
92h
PR2
Timer2 Module Period Register
1111 1111
53, 99
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPUA(3)
—
—
WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
32, 100
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
33, 100
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
VRCON
VREN
—VRR
—
VR3
VR2
VR1
VR0
0-0- 0000
62, 100
9Ah
EEDAT
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
0000 0000
71, 100
9Bh
EEADR
EEADR7
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
0000 0000
71, 100
9Ch
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
72, 100
9Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
72, 100
9Eh
ADRESL
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
65, 100
9Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
66, 100
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.
2:
OSTS bit OSCCON <3> reset to ‘0’ with Dual Speed Start-up and LP, HS or XT selected as the oscillator.
3:
RA3 pull-up is enabled when MCLRE is ‘1’ in the Configuration Word register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com