Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/P Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16F684-E/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/P Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16F684-E/P Datasheet HTML 80Page - Microchip Technology PIC16F684-E/P Datasheet HTML 81Page - Microchip Technology PIC16F684-E/P Datasheet HTML 82Page - Microchip Technology PIC16F684-E/P Datasheet HTML 83Page - Microchip Technology PIC16F684-E/P Datasheet HTML 84Page - Microchip Technology PIC16F684-E/P Datasheet HTML 85Page - Microchip Technology PIC16F684-E/P Datasheet HTML 86Page - Microchip Technology PIC16F684-E/P Datasheet HTML 87Page - Microchip Technology PIC16F684-E/P Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 164 page
background image
PIC16F684
DS41202C-page 82
Preliminary
 2004 Microchip Technology Inc.
11.3.5
FULL-BRIDGE MODE
In Full-bridge Output mode, four pins are used as
outputs; however, only two outputs are active at a time. In
the Forward mode, pin RC5/CCP1/P1A is continuously
active and pin RC2/AN6/P1D is modulated.
In the Reverse mode, RC3/AN7/P1C pin is continuously
active and RC4/C2OUT/P1B pin is modulated. These
are illustrated in Figure 11-8.
P1A, P1B, P1C and P1D outputs are multiplexed with
the PORTC<5:2> data latches. The TRISC<5:2> bits
must be cleared to make the P1A, P1B, P1C and P1D
pins output.
FIGURE 11-8:
FULL-BRIDGE PWM OUTPUT
Period
Duty Cycle
P1A(2)
P1B(2)
P1C(2)
P1D(2)
FORWARD MODE
(1)
Period
Duty Cycle
P1A(2)
P1C(2)
P1D(2)
P1B(2)
REVERSE MODE
(1)
(1)
(1)
Note 1:
At this time, the TMR2 register is equal to the PR2 register.
2:
Output signal is shown as active-high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com